Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 4 Page - Texas Instruments

  DLPC300ZVB Datasheet HTML 1Page - Texas Instruments DLPC300ZVB Datasheet HTML 2Page - Texas Instruments DLPC300ZVB Datasheet HTML 3Page - Texas Instruments DLPC300ZVB Datasheet HTML 4Page - Texas Instruments DLPC300ZVB Datasheet HTML 5Page - Texas Instruments DLPC300ZVB Datasheet HTML 6Page - Texas Instruments DLPC300ZVB Datasheet HTML 7Page - Texas Instruments DLPC300ZVB Datasheet HTML 8Page - Texas Instruments DLPC300ZVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
DLPC300
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
www.ti.com
5 Pin Configuration and Functions
ZVB Package
176-Pin NFBGA
Bottom View
Pin Functions
PIN
I/O
I/O
CLK SYSTEM
DESCRIPTION
POWER
TYPE
NAME
NO.
SIGNALS
DLPC300 power-on reset. Self configuration starts
when a low-to-high transition is detected on this pin. All
device power and clocks must be stable and within
recommended operating conditions before this reset is
deasserted. Note that the following 7 signals are high-
impedance while RESET is asserted:
RESET
J14
VCC18
I1
Async
DMD_PWR_EN,
LEDDVR_ON,
LED_SEL_0,
LED_SEL_1, SPICLK, SPIDOUT, and SPICS0
External pullups/pulldowns should be added as needed
to these signals to avoid floating inputs where these
signals are driven.
DMD park control (active-low). Is set high to enable normal
operation. PARK must be set high within 500 µs after releasing
RESET. PARK must be set low a minimum of 500 µs before
PARK
B8
VCC_ INTF
I3
Async
any power is to be removed from the DLPC300 or DLP3000.
See System Power-Up/Power-Down Sequence for more
details.
Reference clock crystal input. If an external oscillator is used in
PLL_REFCLK_I
K15
VCC18 (filter)
I4
N/A
place of a crystal, then this pin should be used as the oscillator
input.
Reference clock crystal return. If an external oscillator is used
PLL_REFCLK_O
J15
VCC18 (filter)
O14
N/A
in place of a crystal, then this pin should be left unconnected
(floating).
FLASH INTERFACE(1)
SPICLK
A4
VCC_FLSH
O24
N/A
SPI master clock output
SPIDIN
B4
VCC_FLSH
I2
SPICLK
Serial data input from the external SPI slave FLASH device
SPICS0
A5
VCC_FLSH
O24
SPICLK
SPI master chip select 0 output. Active-low
RESERVED
C6
VCC_FLSH
O24
SPICLK
Not used. Reserved for future use. Should be left unconnected
Serial data output to the external SPI slave flash device. This
SPIDOUT
C5
VCC_FLSH
O24
SPICLK
pin sends address and control information as well as data when
programming.
(1)
Each device connected to the SPI bus must operate from VCC_FLSH.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com