Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 9Page - Texas Instruments DLPC300ZVB Datasheet HTML 10Page - Texas Instruments DLPC300ZVB Datasheet HTML 11Page - Texas Instruments DLPC300ZVB Datasheet HTML 12Page - Texas Instruments DLPC300ZVB Datasheet HTML 13Page - Texas Instruments DLPC300ZVB Datasheet HTML 14Page - Texas Instruments DLPC300ZVB Datasheet HTML 15Page - Texas Instruments DLPC300ZVB Datasheet HTML 16Page - Texas Instruments DLPC300ZVB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DLPC300
www.ti.com
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
6.6 Crystal Port Electrical Characteristics
PARAMETER
NOM
UNIT
PLL_REFCLK_I TO GND capacitance
4.5
pF
PLL_REFCLK_O TO GND capacitance
4.5
pF
6.7 Power Consumption
assumes the transfer of a 12 × 6 checkerboard image in 864 × 480 land scape mode at periodic 30 frames per second over
the parallel RGB interface at 25ºC
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VCC_INTF
1.8 V
0.1
VCC_FLSH
2.5 V
0
VCC18
1.8 V
50.8
mW
VDD_PLL
1 V
2.8
VDD10
1 V
39
(1)
This table lists the typical current and power consumption of the individual supplies. Note that VCC_FLSH power is 0 because the serial
flash is only accessed upon device configuration and not during normal operation.
6.8 I
2C Interface Timing Requirements
MIN
MAX
UNIT
ƒscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
1
µs
tscl
I2C clock low time
1
µs
tsp
I2C spike time
20
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
100
ns
ticr
I2C input rise time
100
ns
tocf
I2C output fall time
50 pF
30
200
ns
tbuf
I2C bus free time between stop and start conditions
1.3
µs
tsts
I2C start or repeat start condition setup
1
µs
tsth
I2C start or repeat start condition hold
1
µs
tsph
I2C stop condition setup
1
µs
Valid-data time
SCL low to SDA output valid
1
µs
tvd
Valid-data time of ACK condition
ACK signal from SCL low to SDA (out) low
1
µs
tsch
I2C bus capacitive load
0
100
pF
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com