Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 35Page - Texas Instruments DLPC300ZVB Datasheet HTML 36Page - Texas Instruments DLPC300ZVB Datasheet HTML 37Page - Texas Instruments DLPC300ZVB Datasheet HTML 38Page - Texas Instruments DLPC300ZVB Datasheet HTML 39Page - Texas Instruments DLPC300ZVB Datasheet HTML 40Page - Texas Instruments DLPC300ZVB Datasheet HTML 41Page - Texas Instruments DLPC300ZVB Datasheet HTML 42Page - Texas Instruments DLPC300ZVB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DLPC300
www.ti.com
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
Table 16. Signal Length Routing Constraints for MDDR and DMD
Interfaces (continued)
MAX SIGNAL SINGLE-
MAX SIGNAL MULTI-
SIGNALS
BOARD ROUTING
BOARD ROUTING
LENGTH
LENGTH
MEM_CLK_P, MEM_CLK_N, MEM_A(12:0),
MEM_BA(1:0), MEM_CKE, MEM_CS,
2.5 in (6.35 cm)
Not recommended
MEM_RAS, MEM_CAS, and MEM_WE
MEM_DQ(15:0), MEM_LDM, MEM_UDM,
1.5 in (3.81 cm)
Not recommended
MEM_LDQS, MEM_UDQS
Each high-speed, single-ended signal must be routed in relation to its reference signal, such that a constant
impedance is maintained throughout the routed trace. Avoid sharp turns and layer switching while keeping
lengths to a minimum. The following signals should follow these signal matching requirements.
Table 17. High-Speed Signal Matching Requirements for MDDR and DMD
Interfaces
MAX
SIGNALS
REFERENCE SIGNAL
UNIT
MISMATCH
DMD_D(14:0), DMD_TRC, DMD_SCTRL,
DMD_DCLK
±500 (12.7)
mil (mm)
DMD_LOADB, DMD_OE,
DMD_DRC_STRB, DMD_DRC_BUS
DMD_DCLK
±750 (19.05)
mil (mm)
DMD_SAC_CLK
DMD_DCLK
±500 (12.7)
mil (mm)
DMD_SAC_BUS
DMD_SAC_CLK
±750 (19.05)
mil (mm)
MEM_CLK_P
MEM_CLK_N
±150 (3.81)
mil (mm)
MEM_DQ(7:0), MEM_LDM
MEM_LDQS
±300 (7.62)
mil (mm)
MEM_DQ(15:8), MEM_UDM
MEM_UDQS
±300 (7.62)
mil (mm)
MEM_A(12:0), MEM_BA(1:0), MEM_CKE,
MEM_CS, MEM_RAS, MEM_CAS,
MEM_CLK_P, MEM_CLK_N
±1000 (25.4)
mil (mm)
MEM_WE
MEM_LDQS, MEM_UDQS
MEM_CLK_P, MEM_CLK_N
±300 (7.62)
mil (mm)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com