Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 30Page - Texas Instruments DLPC300ZVB Datasheet HTML 31Page - Texas Instruments DLPC300ZVB Datasheet HTML 32Page - Texas Instruments DLPC300ZVB Datasheet HTML 33Page - Texas Instruments DLPC300ZVB Datasheet HTML 34Page - Texas Instruments DLPC300ZVB Datasheet HTML 35Page - Texas Instruments DLPC300ZVB Datasheet HTML 36Page - Texas Instruments DLPC300ZVB Datasheet HTML 37Page - Texas Instruments DLPC300ZVB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
DLPC300
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
www.ti.com
Table 13. Maximum Pattern Rate with Optional FPGA
Color Mode
Maximum Number of Patterns
Maximum Pattern Rate
1 bit per pixel
96
4000 Hz
2 bits per pixel
48
1100 Hz
3 bits per pixel
32
590 Hz
4 bits per pixel
24
550 Hz
Monochrome
5 bits per pixel
16
450 Hz
6 bits per pixel
16
365 Hz
7 bits per pixel
12
210 Hz
8 bits per pixel
12
115 Hz
The digital RGB input interface operates at 1.8 V, 2.5 V, or 3.3 V nominal, depending on the VCC_INTF supply.
The SPI flash interface operates at 1.8 V, 2.5 V, or 3.3 V nominal, depending on the VCC_FLSH supply. The
DMD and mDDR interface operates at 1.8 V nominal (VCC18). The core transistors operate at 1 V nominal
(VDD10). The analog PLL operates at 1 V nominal (VDD_PLL).
34
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com