| Electronic Components Datasheet Search |
|
DLPC300ZVB Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC300ZVB Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 51 page ![]() DLPC300 DLPS023C – JANUARY 2012 – REVISED AUGUST 2015 www.ti.com Pin Functions (continued) PIN I/O I/O CLK SYSTEM DESCRIPTION POWER TYPE NAME NO. DMD INTERFACE DMD_D0 M15 DMD_D1 N14 DMD_D2 M14 DMD_D3 N15 DMD_D4 P13 DMD_D5 P14 DMD data pins. DMD data pins are double data rate DMD_D6 P15 (DDR) signals that are clocked on both edges of DMD_D7 R15 VCC18 O58 DMD_DCLK DMD_DCLK. DMD_D8 R12 All 15 DMD data signals are use to interface to the DLP3000. DMD_D9 N11 DMD_D10 P11 DMD_D11 R11 DMD_D12 N10 DMD_D13 P10 DMD_D14 R10 DMD_DCLK N13 VCC18 O58 N/A DMD data clock (DDR) DMD data load signal (active-low). This signal requires an DMD_LOADB R13 VCC18 O58 DMD_DCLK external pullup to VCC18. DMD_SCTRL R14 VCC18 O58 DMD_DCLK DMD data serial control signal DMD_TRC P12 VCC18 O58 DMD_DCLK DMD data toggle rate control DMD_DRC_BUS L13 VCC18 O58 DMD_SAC_CLK DMD reset control bus data DMD_DRC_STRB K13 VCC18 O58 DMD_SAC_CLK DMD reset control bus strobe DMD reset control enable (active-low). This signal requires an DMD_DRC_OE M13 VCC18 O58 Async external pullup to VCC18. DMD_SAC_BUS L15 VCC18 O58 DMD_SAC_CLK DMD stepped-address control bus data DMD_SAC_CLK L14 VCC18 O58 N/A DMD stepped-address control bus clock DMD power regulator enable (active-high). This is an active- high output that should be used to control DMD VOFFSET, VBIAS, and VRESET voltages. DMD_PWR_EN is driven high as a result of the PARK input signal being set high. However, DMD_PWR_EN K14 VCC18 O14 Async DMD_PWR_EN is held high for 500 µs after the PARK input signal is set low before it is driven low. A weak external pulldown resistor is recommended to keep this signal at a known state during power-up reset. 6 Submit Documentation Feedback Copyright © 2012–2015, Texas Instruments Incorporated Product Folder Links: DLPC300 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |