Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 25Page - Texas Instruments DLPC300ZVB Datasheet HTML 26Page - Texas Instruments DLPC300ZVB Datasheet HTML 27Page - Texas Instruments DLPC300ZVB Datasheet HTML 28Page - Texas Instruments DLPC300ZVB Datasheet HTML 29Page - Texas Instruments DLPC300ZVB Datasheet HTML 30Page - Texas Instruments DLPC300ZVB Datasheet HTML 31Page - Texas Instruments DLPC300ZVB Datasheet HTML 32Page - Texas Instruments DLPC300ZVB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
DLPC300
www.ti.com
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
8.2.2.4 System Support Interfaces
8.2.2.4.1
Mobile DDR Synchronous Dram (MDDR)
The DLP3000 WVGA chipset relies on the use of mobile DDR SDRAM to store DMD formatted patterns. The
SDRAM interface is a 16-bit wide bus and nominally operates at a frequency of 166 MHz. The data bus is routed
in a point-to-point fashion between the DLPC300 and the mDDR devices, where each data line only makes a
single connection between the DLPC300 and the mDDR device.
Listed below are the compatibility requirements for the mDDR:
SDRAM memory Type: Mobile DDR
Size: 128 M-bit minimum. DLPC300 can only address 128 Mb . Use of larger memories requires bit A13
to be grounded
Organization: N x 16-bits wide with 4 equally sized banks
Burst Length: 4
Refresh period:
≥ 64 ms
Speed Grade tCK: 6 ns max
CAS Latency (CL): 3 clocks
tRCD: 3 clocks
tRP: 3 clocks
Table 5 describes the signals for the SDRAM interface.
Table 5. Active Signals – Mobile DDR Synchronous Dram (MDDR)
SIGNAL NAME
DESCRIPTION
MEM_A(12:0)
13-bit address bus
MEM_BA(1:0)
Bank select signals
MEM_CKE
Clock enable
MEM_CAS
Column address strobe
MEM_RAS
Row address strobe
MEM_CS
Chip select
MEM_WE
Write enable
MEM_LDQS
R/W data strobe for lower byte
MEM_LDM
Write data mask for lower byte
MEM_UDQS
R/W data strobe for upper byte
MEM_UDM
Write data mask for upper byte
MEM_DQ(15:0)
16-bit data bus
MEM_CLK_N
Negative signal of the differential clock pair
MEM_CLK_P
Positive signal of the differential clock pair
Table 6 shows the mDDR DRAM devices recommended for use with the DLPC300.
Table 6. Compatible MDDR Dram Device Options(1)(2)
CAS Latency (CL)
Speed Grade(4)
Vendor
Part Number(3)
Size
Organization
tRCD, tRP
(tCK)
Parameters (Clocks)
Elpida
EDD25163HBH-6ELS-F(5)
256 Mb
16M × 16
6 ns
3, 3, 3
Samsung
K4X56163PN-FGC6(5)
256 Mb
16M × 16
6 ns
3, 3, 3
Micron
MT46H16M16LFBF-6IT:H
256 Mb
16M × 16
6 ns
3, 3, 3
Micron
MT46H32M16LF-6 IT:B
512 MB
32M × 16
6 ns
3, 3, 3
Micron
MT46H32M16LFBF-6:B
512 MB
32M × 16
6 ns
3, 3, 3
(1)
All the SDRAM devices listed have been verified to be compatible with the DLPC300.
(2)
The DLPC300 does not use partial-array self-refresh or temperature-compensated self-refresh options.
(3)
These part numbers reflect a Pb-free package.
(4)
A 6-ns speed grade corresponds to a 166-MHz mDDR device.
(5)
These devices are EOL and should not be used in new designs.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com