Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP Digital Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 3Page - Texas Instruments DLPC300ZVB Datasheet HTML 4Page - Texas Instruments DLPC300ZVB Datasheet HTML 5Page - Texas Instruments DLPC300ZVB Datasheet HTML 6Page - Texas Instruments DLPC300ZVB Datasheet HTML 7Page - Texas Instruments DLPC300ZVB Datasheet HTML 8Page - Texas Instruments DLPC300ZVB Datasheet HTML 9Page - Texas Instruments DLPC300ZVB Datasheet HTML 10Page - Texas Instruments DLPC300ZVB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
DLPC300
www.ti.com
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
Pin Functions (continued)
PIN
I/O
I/O
CLK SYSTEM
DESCRIPTION
POWER
TYPE
NAME
NO.
SDRAM INTERFACE
MEM_CLK_P
D1
VCC18
O74
N/A
mDDR memory, differential memory clock
MEM_CLK_N
E1
VCC18
O74
N/A
MEM_A0
P1
MEM_A1
R3
MEM_A2
R1
MEM_A3
R2
MEM_A4
A1
MEM_A5
B1
MEM_A6
A2
VCC18
O64
MEM_CLK
mDDR memory, multiplexed row and column address
MEM_A7
B2
MEM_A8
D2
MEM_A9
A3
MEM_A10
P2
MEM_A11
B3
MEM_A12
D3
MEM_BA0
M3
VCC18
O64
MEM_CLK
mDDR memory, bank select
MEM_BA1
P3
MEM_RAS
P4
VCC18
O64
MEM_CLK
mDDR memory, row address strobe (active-low)
MEM_CAS
R4
VCC18
O64
MEM_CLK
mDDR memory, column address strobe (active-low)
MEM_WE
R5
VCC18
O64
MEM_CLK
mDDR memory, write enable (active-low)
MEM_CS
J3
VCC18
O64
MEM_CLK
mDDR memory, chip select (active-low)
MEM_CKE
C1
VCC18
O64
MEM_CLK
mDDR memory, clock enable (active-high)
MEM_LDQS
J2
VCC18
B64
N/A
mDDR memory, lower byte, R/W data strobe
MEM_LDM
J1
VCC18
O64
MEM_LDQS
mDDR memory, lower byte, write data mask
MEM_UDQS
G1
VCC18
B64
N/A
mDDR memory, upper byte, R/W data strobe
MEM_UDM
H1
VCC18
O64
MEM_UDQS
mDDR memory, upper byte, write data mask
MEM_DQ0
N1
MEM_DQ1
M2
MEM_DQ2
M1
MEM_DQ3
L3
VCC18
B64
MEM_LDQS
mDDR memory, lower byte, bidirectional R/W data
MEM_DQ4
L2
MEM_DQ5
K2
MEM_DQ6
L1
MEM_DQ7
K1
MEM_DQ8
H2
MEM_DQ9
G2
MEM_DQ10
H3
MEM_DQ11
F3
VCC18
B64
MEM_UDQS
mDDR memory, upper byte, bidirectional R/W data
MEM_DQ12
F1
MEM_DQ13
E2
MEM_DQ14
F2
MEM_DQ15
E3
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com