Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 30Page - Microchip Technology LAN9730I Datasheet HTML 31Page - Microchip Technology LAN9730I Datasheet HTML 32Page - Microchip Technology LAN9730I Datasheet HTML 33Page - Microchip Technology LAN9730I Datasheet HTML 34Page - Microchip Technology LAN9730I Datasheet HTML 35Page - Microchip Technology LAN9730I Datasheet HTML 36Page - Microchip Technology LAN9730I Datasheet HTML 37Page - Microchip Technology LAN9730I Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 34
 2012-2015 Microchip Technology Inc.
4.3.1.3
Endpoint 3 (Interrupt)
The Interrupt Endpoint is responsible for indicating device status at each polling interval. The Interrupt Endpoint is imple-
mented via the CTL module. When the Endpoint is accessed, the Interrupt packet specified in Table 4-2 is presented to
the host.
If there is no interrupt status to report, the device responds with a NACK.
The interrupt status can be cleared by writing to Interrupt Status Register (INT_STS).
4.3.1.4
Endpoint 0 (Control)
The Control Endpoint is handled by the CTL (USB Control) module. The CTL module is responsible for handling USB
standard commands, as well as USB vendor commands. In order to support these commands, the CTL must compile
a variety of statistics and store the programmable portions of the USB descriptors. The supported USB commands can
be found in Section 4.3.2, "USB Standard Commands".
TABLE 4-2:
INTERRUPT PACKET FORMAT
Bits
Description
31:20
RESERVED
19
MACRTO_INT
18
RX FIFO Has Frame. The RX FIFO has at least one complete Ethernet frame.
17
TXSTOP_INT
16
RXSTOP_INT
15
PHY_INT
14
TXE
13
TDFU
12
TDFO
11
RXDF_INT
10:0
GPIO_INT
Note:
The polling interval is static and set through the EEPROM. The host can change the polling interval by
updating the contents of the EEPROM and resetting the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com