Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 55Page - Microchip Technology LAN9730I Datasheet HTML 56Page - Microchip Technology LAN9730I Datasheet HTML 57Page - Microchip Technology LAN9730I Datasheet HTML 58Page - Microchip Technology LAN9730I Datasheet HTML 59Page - Microchip Technology LAN9730I Datasheet HTML 60Page - Microchip Technology LAN9730I Datasheet HTML 61Page - Microchip Technology LAN9730I Datasheet HTML 62Page - Microchip Technology LAN9730I Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 59
LAN9730/LAN9730i
4.4.2.8
TX Example 2
In this example, a single 183-byte Ethernet frame will be transmitted. This packet is in a single buffer as follows:
• 2 bytes Data Start Offset
• 183 bytes of payload data
Figure 4-7 illustrates the TX Command structure for this example, and also shows how data is passed to the TX data
FIFO. Note that the packet resides in a single TX Buffer, therefore both the FS and LS bits are set in TX Command A.
4.4.2.9
TX Example 3
In this example a single, 111-byte Ethernet frame will be transmitted with a TX checksum. This packet is divided into
four buffers. The four buffers are as follows:
Buffer 0:
• 0 byte Data Start Offset
• 4 bytes Checksum Preamble
Buffer 1:
• 3 bytes Data Start Offset
• 79 bytes of payload data
Buffer 2:
• 0 byte Data Start Offset
• 15 bytes of payload data
Buffer 3:
• 2 bytes Data Start Offset
• 17 bytes of payload data
Figure 4-8 illustrates the TX Command structure for this example, and also shows how data is passed to the TX data
FIFO.
FIGURE 4-7:
TX EXAMPLE 2
Note:
When enabled, the TX Checksum Preamble is pre-pended to the data to be transmitted. The FS bit in TX
Command A, the TX Checksum Enable bit (CK) of TX Command B, and the TXCOE_EN bit of the
COE_CR register must all be set for the TX checksum to be generated. FS must not be set for subsequent
fragments of the same packet. Refer to Section 4.5.8, "Transmit Checksum Offload Engine (TXCOE)" for
further information.
TX Command A
TX Command B
TX Command A
TX Command B
183 Byte
Ethernet
Frame
183 Byte Payload
USB Packet 0
TX Command A
Data Start Offset = 2
First Segment = 1
Last Segment = 1
Buffer Size = 183
TX Command B
Frame Length = 183
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com