Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 94 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 94 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 90Page - Microchip Technology LAN9730I Datasheet HTML 91Page - Microchip Technology LAN9730I Datasheet HTML 92Page - Microchip Technology LAN9730I Datasheet HTML 93Page - Microchip Technology LAN9730I Datasheet HTML 94Page - Microchip Technology LAN9730I Datasheet HTML 95Page - Microchip Technology LAN9730I Datasheet HTML 96Page - Microchip Technology LAN9730I Datasheet HTML 97Page - Microchip Technology LAN9730I Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 94
 2012-2015 Microchip Technology Inc.
WRAL (Write All): If erase/write operations are enabled in the EEPROM, this command will cause the contents of the
E2P_DATA register to be written to every EEPROM memory location. The EPC_TO bit is set if the EEPROM does not
respond within 30 ms.
Table 4-60, "Required EECLK Cycles", shown below, shows the number of EECLK cycles required for each EEPROM
operation.
4.7.4.2
Host Initiated EEPROM Reload
The host can initiate a reload of the EEPROM by issuing the RELOAD command via the E2P Command (E2P_CMD)
register. If the first byte read from the EEPROM is not 0xA5, it is assumed that the EEPROM is not present or not pro-
grammed, and the reload will fail. The Data Loaded bit of the E2P_CMD register indicates a successful reload of the
EEPROM.
4.7.4.3
EEPROM Command and Data Registers
Refer to Section 6.3.12, "EEPROM Command Register (E2P_CMD)" and Section 6.3.13, "EEPROM Data Register
(E2P_DATA)" for a detailed description of these registers. Supported EEPROM operations are described in these sec-
tions.
4.7.4.4
EEPROM Timing
Refer to Section 7.5.5, "EEPROM Timing" for detailed EEPROM timing specifications.
FIGURE 4-27:
EEPROM WRAL CYCLE
TABLE 4-60:
REQUIRED EECLK CYCLES
Operation
Required EECLK Cycles
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18
Note:
It is not recommended to use the RELOAD command as part of normal operation, as race conditions can
occur with USB Commands that access descriptor data. It is best for the host to issue an SRST to reload
the EEPROM data.
WRAL CYCLE
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
1
D7
D0
0
01
tCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com