Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 8Page - Microchip Technology LAN9730I Datasheet HTML 9Page - Microchip Technology LAN9730I Datasheet HTML 10Page - Microchip Technology LAN9730I Datasheet HTML 11Page - Microchip Technology LAN9730I Datasheet HTML 12Page - Microchip Technology LAN9730I Datasheet HTML 13Page - Microchip Technology LAN9730I Datasheet HTML 14Page - Microchip Technology LAN9730I Datasheet HTML 15Page - Microchip Technology LAN9730I Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 12
 2012-2015 Microchip Technology Inc.
TABLE 2-1:
MII INTERFACE PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
Receive Error
(Internal PHY
Mode)
RXER
IS/O8
(PD)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Receive Error
(External
PHY Mode)
RXER
IS
(PD)
In External PHY Mode, the signal on this pin is
input from the external PHY and indicates a
receive error in the packet.
1
Transmit
Error
(Internal PHY
Mode)
TXER
IS/O8
(PD)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Transmit
Error
(External
PHY Mode)
TXER
O8
(PD)
In External PHY Mode, this pin functions as an
output to the external PHY and indicates a trans-
mit error.
1
Transmit
Enable
(Internal PHY
Mode)
TXEN
IS/O8
(PD)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Transmit
Enable
(External
PHY Mode)
TXEN
O8
(PD)
In External PHY Mode, this pin functions as an
output to the external PHY and indicates valid
data on TXD[3:0].
1
Receive Data
Valid
(Internal PHY
Mode)
RXDV
IS/O8
(PD)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Receive Data
Valid
(External
PHY Mode)
RXDV
IS
(PD)
In External PHY Mode, the signal on this pin is
input from the external PHY and indicates valid
data on RXD[3:0].
1
Receive
Clock
(Internal PHY
Mode)
RXCLK
IS/O8
(PD)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Receive
Clock
(External
PHY Mode)
RXCLK
IS
(PD)
In External PHY Mode, this pin is the receiver
clock input from the external PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com