Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 15Page - Microchip Technology LAN9730I Datasheet HTML 16Page - Microchip Technology LAN9730I Datasheet HTML 17Page - Microchip Technology LAN9730I Datasheet HTML 18Page - Microchip Technology LAN9730I Datasheet HTML 19Page - Microchip Technology LAN9730I Datasheet HTML 20Page - Microchip Technology LAN9730I Datasheet HTML 21Page - Microchip Technology LAN9730I Datasheet HTML 22Page - Microchip Technology LAN9730I Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 19
LAN9730/LAN9730i
TABLE 2-3:
JTAG PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1JTAG Test
Port Reset
(Internal PHY
Mode)
nTRST
IS
(PU)
In Internal PHY Mode, this active-low pin func-
tions as the JTAG test port reset input.
Receive Data
0
(External
PHY Mode)
RXD0
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 0 input from the external PHY.
1JTAG Test
Data Out
(Internal PHY
Mode)
TDO
O8
In Internal PHY Mode, this pin functions as the
JTAG data output.
PHY Reset
(External
PHY Mode)
nPHY_RST
O8
In External PHY Mode, this active-low pin func-
tions as the PHY reset output.
1JTAG Test
Clock
(Internal PHY
Mode)
TCK
IS
(PU)
In Internal PHY Mode, this pin functions as the
JTAG test clock. The maximum operating fre-
quency of this clock is 25 MHz.
Receive Data
1
(External
PHY Mode)
RXD1
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 1 input from the external PHY.
1JTAG Test
Mode Select
(Internal PHY
Mode)
TMS
IS
(PU)
In Internal PHY Mode, this pin functions as the
JTAG test mode select.
Receive Data
2
(External
PHY Mode)
RXD2
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 2 input from the external PHY.
1JTAG Test
Data Input
(Internal PHY
Mode)
TDI
IS
(PU)
In Internal PHY Mode, this pin functions as the
JTAG data input.
Receive Data
3
(External
PHY Mode)
RXD3
IS
(PD)
In External PHY Mode, this pin functions as the
receive data 3 input from the external PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com