Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 100 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 100 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 96Page - Microchip Technology LAN9730I Datasheet HTML 97Page - Microchip Technology LAN9730I Datasheet HTML 98Page - Microchip Technology LAN9730I Datasheet HTML 99Page - Microchip Technology LAN9730I Datasheet HTML 100Page - Microchip Technology LAN9730I Datasheet HTML 101Page - Microchip Technology LAN9730I Datasheet HTML 102Page - Microchip Technology LAN9730I Datasheet HTML 103Page - Microchip Technology LAN9730I Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 100
 2012-2015 Microchip Technology Inc.
The RAM Test Mode Enable (TESTEN) bit must be deasserted after programming the Descriptor RAM.
FIGURE 4-28:
DESCRIPTOR RAM EXAMPLE
Language ID Descriptor
Manufacturing String Descriptor
Product Name String Descriptor
Serial Number String Descriptor
Configuration String Descriptor
Interface String Descriptor
HS Device Descriptor
HS Configuration and Interface Descriptor
FS Device Descriptor
FS Configuration and Interface Descriptor
0
1
2
3
4
5
6
7
8
9
0A
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
DATAPORT
ADDR
= Unused Space Required For Alignment Purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com