Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 100Page - Microchip Technology LAN9730I Datasheet HTML 101Page - Microchip Technology LAN9730I Datasheet HTML 102Page - Microchip Technology LAN9730I Datasheet HTML 103Page - Microchip Technology LAN9730I Datasheet HTML 104Page - Microchip Technology LAN9730I Datasheet HTML 105Page - Microchip Technology LAN9730I Datasheet HTML 106Page - Microchip Technology LAN9730I Datasheet HTML 107Page - Microchip Technology LAN9730I Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 104
 2012-2015 Microchip Technology Inc.
4.11.2.4
SUSPEND2
This state is entered from the NORMAL state when the device is suspended and the SUSPEND_MODE field in the
Power Management Control Register (PMT_CTL) is set to 10b. SUSPEND2 is the default suspend mode.
Refer to Section 4.12.2.1, "Enabling GPIO Wake Events" for detailed instructions on how to program events that cause
resumption from the SUSPEND2 state.
This state consumes the least amount of power. In this state, the device may only be awakened by the host or GPIO
assertion.
The state of the Ethernet PHY is lost when entering SUSPEND2. Therefore, host must reinitialize the PHY after the
device returns to the NORMAL state.
4.11.2.5
SUSPEND3
This state is entered from the NORMAL state when the device is suspended and the SUSPEND_MODE field in the
Power Management Control Register (PMT_CTL) is set to 11b.
Refer to Section 4.12.2.1, "Enabling GPIO Wake Events", Section 4.12.2.4, "Enabling External PHY Link Up Wake
Events" and Section 4.12.2.5, "Enabling Good Frame Wake Events" for detailed instructions on how to program events
that cause resumption from the SUSPEND3 state.
In this SUSPEND state, all clocks in the device are enabled and power consumption is similar to the NORMAL state.
However, it allows for power savings in the host CPU, which greatly exceeds that of the device. The driver may place
the device in this state after prolonged periods of not receiving any Ethernet traffic.
This state supports wakeup from GPIO assertion, PHY Link Up, and on reception of a frame passing the filtering con-
straints set by the MAC Control Register (MAC_CR). Due to the limited amount of RX FIFO buffering, it is possible that
there will be frames lost when in this state, as the USB resume time greatly exceeds the buffering capacity of the FIFO.
The Wake On LAN bit of the Wakeup Status (WUPS) field of the Power Management Control Register (PMT_CTL) is
used to signal wakeup due to reception of a frame passing the aforementioned filtering constraints. This bit, along with
the GPIO [10:0] (GPIOx_INT) bits of the Interrupt Status Register (INT_STS), may be examined to determine the
event(s) causing the wakeup. If GPIO7 is found to have caused the wakeup, the PHY Link Up Enable (PHY_LINK-
UP_EN) bit of the General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE) may be examined to deter-
mined whether a PHY Link Up event or pin event occurred.
Note:
Wake On LAN events must not be enabled in the Wakeup Control and Status Register (WUCSR) while
operating in the SUSPEND3 state. If any Wake On LAN event is enabled in WUCSR, all received frames
will be dropped. The setting of the Wake On LAN Enable (WOL_EN) bit of the Power Management Control
Register (PMT_CTL) is a “don’t care”.
Note:
The Wake On LAN bit of the Wakeup Status (WUPS) is used to signal both Wake On LAN events and
wakeup from SUSPEND3 state due to reception of frames passing the filtering constraints set by the MAC
Control Register (MAC_CR). In order to interpret the Wakeup Status (WUPS) without ambiguity, the soft-
ware driver may examine the Suspend Mode (SUSPEND_MODE) field of the Power Management Control
Register (PMT_CTL) to determine the SUSPEND state it is coming out of.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com