Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 93 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 93 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 89Page - Microchip Technology LAN9730I Datasheet HTML 90Page - Microchip Technology LAN9730I Datasheet HTML 91Page - Microchip Technology LAN9730I Datasheet HTML 92Page - Microchip Technology LAN9730I Datasheet HTML 93Page - Microchip Technology LAN9730I Datasheet HTML 94Page - Microchip Technology LAN9730I Datasheet HTML 95Page - Microchip Technology LAN9730I Datasheet HTML 96Page - Microchip Technology LAN9730I Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 93
LAN9730/LAN9730i
READ (Read Location): This command will cause a read of the EEPROM location pointed to by EPC Address
(EPC_ADDR). The result of the read is available in the E2P_DATA register.
WRITE (Write Location): If erase/write operations are enabled in the EEPROM, this command will cause the contents
of the E2P_DATA register to be written to the EEPROM location selected by the EPC Address field (EPC_ADDR). The
EPC_TO bit is set if the EEPROM does not respond within 30 ms.
FIGURE 4-25:
EEPROM READ CYCLE
FIGURE 4-26:
EEPROM WRITE CYCLE
READ CYCLE
1
10
A6
EECS
EECLK
EEDIO (OUTPUT)
A0
D7
D0
EEDIO (INPUT)
tCSL
WRITE CYCLE
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
11
A6
A0
D7
D0
tCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com