Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 92Page - Microchip Technology LAN9730I Datasheet HTML 93Page - Microchip Technology LAN9730I Datasheet HTML 94Page - Microchip Technology LAN9730I Datasheet HTML 95Page - Microchip Technology LAN9730I Datasheet HTML 96Page - Microchip Technology LAN9730I Datasheet HTML 97Page - Microchip Technology LAN9730I Datasheet HTML 98Page - Microchip Technology LAN9730I Datasheet HTML 99Page - Microchip Technology LAN9730I Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 96
 2012-2015 Microchip Technology Inc.
13h
00
Configuration String Descriptor Word Offset (don’t care)
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (don’t care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
26
Hi-Speed Device Descriptor Word Offset (26h);
corresponds to EEPROM Byte Offset 4Ch
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
2F
Hi-Speed Configuration and Interface Descriptor Word Offset (2Fh);
corresponds to EEPROM Byte Offset 5Eh
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
38
Full-Speed Device Descriptor Word Offset (38h);
corresponds to EEPROM Byte Offset 70h
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18 bytes)
1Dh
41
Full-Speed Configuration and Interface Descriptor Word Offset (41h);
corresponds to EEPROM Byte Offset 82h
1Eh
00
GPIO7:0 Wake Enables - GPIO7:0 not used for wakeup signaling
1Fh
04
GPIO10:8 Wake Enables - GPIO10 used for wakeup signaling
20h
8A
GPIO PME Flags - PME Signaling Enabled via Low Level, Push-Pull
Driver, GPIO10 Active High Detection.
21h
00
PAD BYTE - Used to align following descriptor on Word boundary
22h
0A
Size of Manufacturer ID String Descriptor (10 bytes)
23h
03
Descriptor Type (String Descriptor - 03h)
24h - 2Bh
53 00 4D 00 53 00 43 00
Manufacturer ID String (“SMSC” in UNICODE)
2Ch
10
Size of Product Name String Descriptor (16 bytes)
2Dh
03
Descriptor Type (String Descriptor - 03h)
2Eh - 3Bh
4C 00 41 00 4E 00 39 00
37 00 33 00 30 00
Product Name String (“LAN9730” in UNICODE)
3Ch
10
Size of Serial Number String Descriptor (16 bytes)
3Dh
03
Descriptor Type (String Descriptor - 03h)
3Eh - 4Bh
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
4Ch
12
Size of Hi-Speed Device Descriptor in bytes (18 bytes)
4Dh
01
Descriptor Type (Device Descriptor - 01h)
4Eh - 4Fh
00 02
USB Specification Number that the device complies with (0200h)
50h
FF
Class Code
51h
00
Subclass Code
52h
FF
Protocol Code
53h
40
Maximum Packet Size for Endpoint 0
54h - 55h
24 04
Vendor ID (0424h)
56h - 57h
30 97
Product ID (9730h)
58h - 59h
00 01
Device Release Number (0100h)
5Ah
01
Index of Manufacturer String Descriptor
5Bh
02
Index of Product String Descriptor
5Ch
03
Index of Serial Number String Descriptor
5Dh
01
Number of possible configurations
TABLE 4-62:
EEPROM EXAMPLE - 256 BYTE EEPROM (CONTINUED)
EEPROM
Address
EEPROM Contents
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com