Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 88 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 88 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 84Page - Microchip Technology LAN9730I Datasheet HTML 85Page - Microchip Technology LAN9730I Datasheet HTML 86Page - Microchip Technology LAN9730I Datasheet HTML 87Page - Microchip Technology LAN9730I Datasheet HTML 88Page - Microchip Technology LAN9730I Datasheet HTML 89Page - Microchip Technology LAN9730I Datasheet HTML 90Page - Microchip Technology LAN9730I Datasheet HTML 91Page - Microchip Technology LAN9730I Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 88
 2012-2015 Microchip Technology Inc.
Table 4-58 describes the GPIO PME flags.
TABLE 4-58:
GPIO PME FLAGS
Bits
Description
7
GPIO PME Enable
Setting this bit enables the assertion of the GPIO0 or GPIO8 pin, as a result of a Wakeup (GPIO) pin,
Magic Packet, or PHY Link Up. The host processor may use the GPIO0/GPIO8 pin to asynchronously
wake up, in a manner analogous to a PCI PME pin. GPIO0 signals the event when operating in Internal
PHY mode, while GPIO8 signals the event when operating in External PHY mode. Internal or External
PHY mode of operation is dictated by the PHY_SEL pin.
0 = The device does not support GPIO PME signaling.
1 = The device supports GPIO PME signaling.
Note:
When this bit is 0, the remaining GPIO PME parameters in this flag byte are ignored.
6
GPIO PME Configuration
This bit selects whether the GPIO PME is signaled on the GPIO pin as a level or a pulse. If pulse is
selected, the duration of the pulse is determined by the setting of the GPIO PME Length bit of this flag
byte. The level of the signal or the polarity of the pulse is determined by the GPIO PME Polarity bit of this
flag byte.
0 = GPIO PME is signaled via a level.
1 = GPIO PME is signaled via a pulse.
Note:
If GPIO PME Enable is 0, this bit is ignored.
5
GPIO PME Length
When the GPIO PME Configuration bit of this flag byte indicates that the GPIO PME is signaled by a pulse
on the GPIO pin, this bit determines the duration of the pulse.
0 = GPIO PME pulse length is 1.5 ms.
1 = GPIO PME pulse length is 150 ms.
Note:
If GPIO PME Enable is 0, this bit is ignored.
4
GPIO PME Polarity
Specifies the level of the signal or the polarity of the pulse used for GPIO PME signaling.
0 = GPIO PME signaling polarity is low.
1 = GPIO PME signaling polarity is high.
Note:
If GPIO PME Enable is 0, this bit is ignored.
3
GPIO PME Buffer Type
This bit selects the output buffer type for GPIO0/GPIO8.
0 = Open drain driver/open source
1 = Push-pull driver
Note:
Buffer type = 0, polarity = 0 implies open drain
Buffer type = 0, polarity = 1 implies open source
Note:
If GPIO PME Enable is 0, this bit is ignored.
2
GPIO PME WOL Select
Three types of wakeup events are supported: Magic Packet, PHY Link Up, and Wakeup Pin(s) assertion.
Wakeup Pin(s) are selected via the GPIO Wake 0-10 (GPIOWKn) field of the General Purpose IO Wake
Enable and Polarity Register (GPIO_WAKE). The Wakeup Enables are specified in bytes 1Eh and 1Fh of
the EEPROM. This bit selects whether Magic Packet or Link Up wakeup events are supported.
0 = Magic Packet wakeup supported.
1 = PHY Link Up wakeup supported (not supported in External PHY mode).
Note:
If GPIO PME Enable is 0, this bit is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com