Electronic Components Datasheet Search
  English  ▼

X  

LAN9730I Datasheet(PDF) 117 Page - Microchip Technology

Part # LAN9730I
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730I Datasheet(HTML) 117 Page - Microchip Technology

Back Button LAN9730I Datasheet HTML 113Page - Microchip Technology LAN9730I Datasheet HTML 114Page - Microchip Technology LAN9730I Datasheet HTML 115Page - Microchip Technology LAN9730I Datasheet HTML 116Page - Microchip Technology LAN9730I Datasheet HTML 117Page - Microchip Technology LAN9730I Datasheet HTML 118Page - Microchip Technology LAN9730I Datasheet HTML 119Page - Microchip Technology LAN9730I Datasheet HTML 120Page - Microchip Technology LAN9730I Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 117
LAN9730/LAN9730i
Figure 5-2 flowcharts PME operation while in Internal PHY Mode. The following conditions hold:
EEPROM Configuration:
• GPIO PME Enable = 1 (enabled)
• GPIO PME Configuration = 0 (PME signaled via level on GPIO pin)
• GPIO PME Length = 0 (NA)
• GPIO PME Polarity = 1 (high level signals event)
• GPIO PME Buffer Type = 1 (push-pull)
• GPIO PME WOL Select = 0 (Magic Packet wakeup)
• GPIO10 Detection Select = 0 (Active-low detection)
• Power Method = 1 (self powered)
• MAC address for Magic Packet
PME signaling configuration (as determined by PHY Mode):
• GPIO0 signals PME
• GPIO1 is PME_MODE_SEL
Note:
A POR occurring when PME_MODE_SEL = 1 and an EEPROM present with the GPIO PME Enable set
results in the device entering PME Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com