Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 2 Page - Texas Instruments

  SN65DP149 Datasheet HTML 1Page - Texas Instruments SN65DP149 Datasheet HTML 2Page - Texas Instruments SN65DP149 Datasheet HTML 3Page - Texas Instruments SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 21
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 21
2
Applications ........................................................... 1
8.3
Feature Description................................................. 21
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 27
4
Revision History..................................................... 2
8.5
Register Maps ......................................................... 28
5
Description (continued)......................................... 3
9
Application and Implementation ........................ 36
6
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 36
7
Specifications......................................................... 5
9.2
Typical Application .................................................. 38
7.1
Absolute Maximum Ratings ...................................... 5
9.3
System Example ..................................................... 40
7.2
ESD Ratings.............................................................. 5
10
Power Supply Recommendations ..................... 41
7.3
Recommended Operating Conditions ....................... 6
10.1
Power Management .............................................. 41
7.4
Thermal Information .................................................. 7
11
Layout................................................................... 41
7.5
Power Supply Electrical Characteristics ................... 8
11.1
Layout Guidelines ................................................. 41
7.6
Differential Input Electrical Characteristics ............... 9
11.2
Layout Example .................................................... 42
7.7
HDMI and DVI TMDS Output Electrical
11.3
Thermal Considerations ........................................ 43
Characteristics ......................................................... 10
12
Device and Documentation Support ................. 43
7.8
DDC, and I2C Electrical Characteristics.................. 11
12.1
Related Links ........................................................ 43
7.9
HPD Electrical Characteristics ................................ 11
12.2
Documentation Support ........................................ 43
7.10
HDMI and DVI Main Link Switching
Characteristics ......................................................... 12
12.3
Community Resources.......................................... 43
7.11
HPD Switching Characteristics ............................. 12
12.4
Trademarks ........................................................... 43
7.12
DDC and I2C Switching Characteristics................ 13
12.5
Electrostatic Discharge Caution ............................ 44
7.13
Parameter Measurement Information ................... 14
12.6
Glossary ................................................................ 44
7.14
Typical Characteristics .......................................... 20
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 21
Information ........................................................... 44
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (September 2015) to Revision A
Page
•
Updated device status from product preview to production data .......................................................................................... 1
•
Added new table note for VIL, VIM, and VIH ............................................................................................................................ 6
•
Changed VSADJ Resistor Value from 7.06k to 6.5K ............................................................................................................ 8
•
Removed AUX column ........................................................................................................................................................ 41
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com