Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 1 Page - Texas Instruments

  SN65DP149 Datasheet HTML 1Page - Texas Instruments SN65DP149 Datasheet HTML 2Page - Texas Instruments SN65DP149 Datasheet HTML 3Page - Texas Instruments SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
GPU
DP1x9
Dual Mode DisplayPort
HDMI/DVI
GPU
Dongle
DP++
HDMI
Monitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
SNx5DP149 3.4 Gbps DP++ to HDMI Retimer
1 Features
3 Description
The
SNx5DP149
device
is
a
dual
mode[1]
1
•
DisplayPort™ Physical Layer Input Port to TMDS
DisplayPort to transition-minimized differential signal
Physical Layer Output Port Supporting up to
(TMDS) retimer supporting digital video interface
3.4-Gbps Data Rates
(DVI) 1.0 and high-definition multimedia interface
•
Support DisplayPort Dual-Mode Standard Version
(HDMI) 1.4b output signals. The SNx5DP149 device
1.1
supports the dual mode standard version 1.1 type 1
and type 2 through the DDC link. The SNx5DP149
•
Support HDMI1.4b Transmitter Electrical
device supports data rate up to 3.4-Gbps per data
Parameters
lane to support Ultra HD (4K × 2K / 30-Hz) 8-bits per
•
Integrated TMDS Level Translator and CDR
color high-resolution video and HDTV with 16-bit
•
Adaptive Receiver Equalizer and Programmable
color depth at 1080p (1920 × 1080 / 60-Hz). The
Fixed Equalizer
SNx5DP149 device can automatically configure itself
as a re-driver at data rates <1 Gbps, or as a retimer
•
Selectable De-Emphasis
at more than this data rate. This feature can be
•
Low Power Typical Consumption
turned off through I2C[4] programming.
–
390 mW at 3.4-Gbps Retimer
For
signal
integrity,
the
SNx5DP149
device
–
10 mW at Shutdown State
implements
several
features.
The
SNx5DP149
•
Integrated DVI and HDMI Identification
receiver
supports
both
adaptive
and
fixed
Recognition Dual Mode DP Type 2 Capability
equalization to clean up inter-symbol interference
(ISI) jitter or loss from the bandwidth-limited board
•
Active I2C[4] Buffer
traces or cables. When working as a retimer, the
•
Input Swap on Main Lanes
embedded clock data recovery (CDR) cleans up the
•
I2C[4] and Pin-Strap Programmable
input high frequency and random jitter from video
source. The transmitter provides several features for
•
Industrial Temperature Range:
passing
compliance
and
reducing
system-level
–40 to 85°C (SN65DP149)
design issues like de-emphasis, which compensates
•
Extended Commercial Temperature Range:
for the attenuation when driving long cables or high-
0 to 85°C (SN75DP149)
loss board traces. The SNx5DP149 device also
•
40-Pin 0.4-mm Pitch, 5-mm × 5-mm WQFN
includes TMDS output amplitude adjust using an
external resistor on the Vsadj pin, source termination
selection, and output slew rate control. Device
2 Applications
operation and configuration can be programmed by
•
Personal Computer Market
pin strapping or I2C[4].
•
Next Generation Adaptor Dongles
The SNx5DP149 device implements several methods
•
Desktop PC
for power management and active power reduction.
•
Notebook PC Market
Device Information(1)
•
Docking Station
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
HDTV
SN65DP149
•
Standalone Video Card
WQFN (40)
5.00 mm × 5.00 mm
SN75DP149
•
Tablet
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DP149 Mother Board Application Structure
DP149 Dongle Application Structure
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65DP149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149RSBR TI1-SN65DP149RSBR Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149RSBT TI1-SN65DP149RSBT Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP149

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
12.5 to 15 Gbps 16-Channel Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
6 Gbps TMDS Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com