Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 4 Page - Texas Instruments

  SN65DP149 Datasheet HTML 1Page - Texas Instruments SN65DP149 Datasheet HTML 2Page - Texas Instruments SN65DP149 Datasheet HTML 3Page - Texas Instruments SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION (1)
SIGNAL NAME
NO.
MAIN LINK OUTPUT PINS (FAIL SAFE)
OUT_D2n
29
O
TMDS data 2 differential output
OUT_D2p
30
OUT_D1n
26
O
TMDS data 1 differential output
OUT_D1p
27
OUT_D0n
24
O
TMDS data 0 differential output
OUT_D0p
25
OUT_CLKn
21
O
TMDS data clock differential output
OUT_CLKp
22
HOT PLUG DETECT PINS
HPD_SRC
3
O
Hot plug detect output
HPD_SNK
28
I (Failsafe) Hot plug detect input
DDC DATA PINS
SDA_SRC
39
I/O
Source side TMDS port bidirectional DDC data line
SCL_SRC
38
(Failsafe)
SDA_SNK
33
I/O
Sink side TMDS port bidirectional DDC data lines
SCL_SNK
32
(Failsafe)
CONTROL PINS
Operation enable/reset pin
OE = L: Power-down mode
OE
36
I
OE = H: Normal operation
Internal weak pullup: Resets device when transitions from H to L
Slew rate control when I2C_EN/PIN = Low. SLEW_CTL = H, fastest data rate (default)
I
SLEW_CTL = L, 5-ps slow
SLEW_CTL
34
3
SLEW_CTL = No Connect, 10-ps slow
level (1)
When I2C_EN/PIN = High Slew rate is controlled through I2C[4]
PRE_SEL = L: - 2-dB de-emphasis
I
PRE_SEL = No Connect: 0-dB
PRE_SEL
16
3
PRE_SEL = H: Reserved
level (1)
Note: (3 level for pin strap programming, but 2 level when I2C[4] address)
Input Receive Equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5-dB
I
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL/A0
17
3
EQ_SEL = H: Fixed at 14-dB
level (1)
When I2C_EN/PIN = High
Address bit 1
Note: (3 level for pin strap programming but 2 level when I2C[4] address)
I2C_EN/PIN = High; puts device into I2C control mode
I2C_EN/PIN
8
I
I2C_EN/PIN = Low; puts device into pin strap mode
I2C clock signal
SCL_CTL
13
I
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions cannot be
changed by I2C
I2C data signal
SDA_CTL
14
I/0
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions cannot be
changed by I2C
Vsadj
18
I
TMDS-compliant voltage swing control nominal resistor to GND
HDMI_SEL when I2C_EN/PIN = Low
HDMI_SEL = High: Device configured for DVI
HDMI_SEL = Low: Device configured for HDMI (Adaptor ID block is readable through I2C
HDMI_SEL/A1
23
I
When I2C_EN/PIN = High
Address bit 2
Note: Weak internal pull down
SUPPLY AND GROUND PINS
VCC
11, 37
P
3.3-V power supply
12, 19, 20,
VDD
P
1.1-V power supply
31, 40
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com