Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 34 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 30Page - Texas Instruments SN65DP149 Datasheet HTML 31Page - Texas Instruments SN65DP149 Datasheet HTML 32Page - Texas Instruments SN65DP149 Datasheet HTML 33Page - Texas Instruments SN65DP149 Datasheet HTML 34Page - Texas Instruments SN65DP149 Datasheet HTML 35Page - Texas Instruments SN65DP149 Datasheet HTML 36Page - Texas Instruments SN65DP149 Datasheet HTML 37Page - Texas Instruments SN65DP149 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
8.5.4.2.5
EyeScan Control Register
Table 10. EyeScan Control Register
ADDRESS
BITS
DEFAULT
DESCRIPTION
ACCESS
PV_SYNC[3:0]. Pattern timing pulse. This field is updated for 8UI once
7:4
4’b0000
R
every cycle of the PRBS generator. 1 bit per lane.
PV_LD[3:0]. Load pattern-verifier controls into RX lanes. When asserted
0Eh
high, the PV_TO, PV_SEL, PV_LEN, PV_CP20, and PV_CP values are
3:0
4’b0000
RWU
enabled into the corresponding RX lane. These values are then latched
and held when PV_LD[n] is subsequently de-asserted low. 1 bit per lane.
7:4
4’b0000
PV_FAIL[3:0]. Pattern verification mismatch detected. 1 bit per lane.
RU
0Fh
3:0
4’b0000
PV_TIP[3:0]. Pattern search/training in progress. 1 bit per lane.
RU
PV_CP20. Customer pattern length 20 or 16 bits.
7
1’b0
0 – 16 bits
RW
1 – 20 bits
6
1’b0
Reserved
R
PV_LEN[2:0]. PRBS pattern length
000 – PRBS7
001 – PRBS11
010 – PRBS23
5:3
3’b000
011 – PRBS31
RW
10h
100 – PRBS15
101 – PRBS15
110 – PRBS20
111 – PRBS20
PV_SEL[24:0]. Pattern select control
000 – Disabled
001 – PRBS
2:0
3’b000
RW
010 – Clock
011 – Custom
1xx – Timing only mode with sync pulse spacing defined by PV_LEN
11h
7:0
‘h00
PV_CP[7:0]. Custom pattern data.
RW
12h
7:0
‘h00
PV_CP[15:8]. Custom pattern data.
RW
7:4
4’b0000
Reserved
R
13h
3:0
4’b0000
PV_CP[19:16]. Custom pattern data. Used when PV_CP20 = 1’b1.
RW
7:3
5’b00000
Reserved
R
14h
2:0
3’b000
PV_THR[2:0]. Pattern-verifier retain threshold.
RW
DESKEW_CMPLT: Indicates TMDS lane deskew has completed when
7
1'b0
R
high
6:5
2’b00
Reserved
R
15h
4
1’b0
BERT_CLR. Clear BERT counter (on rising edge).
RSU
3
1’b0
TST_INTQ_CLR. Clear latched interrupt flag.
RSU
2:0
3’b000
TST_SEL[2:0]. Test interrupt source select.
RW
PV_DP_EN[3:0]. Enabled datapath verified based on DP_TST_SEL, 1 bit
7:4
4’b0000
RW
per lane.
3
1’b0
Reserved
R
DP_TST_SEL[2:0] Selects pattern reported by BERT_CNT[11:0],
TST_INT[0] and TST_INTQ[0]. PV_DP_EN is non-zero
000 – TMDS disparity or data errors
16h
001 – FIFO errors
010 – FIFO overflow errors
2:0
3'b000
RW
011 – FIFO underflow errors
100 – TMDS deskew status
101 – Reserved
110 – Reserved
111 – Reserved
7:4
4’b0000
TST_INTQ[3:0]. Latched interrupt flag. 1 bit per lane
RU
17h
3:0
4’b0000
TST_INT[3:0]. Test interrupt flag. 1 bit per lane.
RU
18h
7:0
‘h00
BERT_CNT[7:0]. BERT error count. Lane 0
RU
34
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com