Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 2Page - Texas Instruments SN65DP149 Datasheet HTML 3Page - Texas Instruments SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments SN65DP149 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
GENERAL PARAMETERS
VCC
3
3.3
3.6
Supply voltage
V
VDD
1.00
1.1
1.27
TCASE
Case temperature for RSB package
93.5
°C
SN75DP149
0
85
Operating free-air
TA
°C
temperature
SN65DP149
–40
85
MAIN LINK DIFFERENTIAL PINS
VID_PP
Peak-to-peak input differential voltage
75
1200
mV
VIC
Input common mode voltage
0
2
V
CAC
AC coupling capacitance
75
100
200
nF
dR
Data rate
0.25
3.4
Gbps
Vsadj
TMDS-compliant swing voltage bias resistor
6.5
k
Ω
DDC AND I2C PINS AND CONTROL PINS
HPD_SNK, SCL/SDA_SNK
–0.3
5.5
V
VI-DC
DC input voltage
All other DDC, local I2C, and control pins
–0.3
3.6
V
Low-level input voltage at DDC/I2C and HPD
0.8
VIL
(1)
V
Low-level input voltage at SLEW_CTL, PRE_SEL, EQ_SEL/A0,
0.3
SWAP/POL
No connect input voltage at SLEW_CTL, PRE_SEL, EQ_SEL/A0,
VIM
(1)
1
1.2
1.4
V
SWAP/POL
High-level input voltage at HPD
2
High-level input voltage at SCL_SRC, SDA_SRC, I2C
1.8
VIH
(1)
V
High-level input voltage at SCL_SNK, SDA_SNK
2.8
High-level input voltage at SLEW_CTL, PRE_SEL, EQ_SEL/A0,
2.6
SWAP/POL
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
2.4
V
fSCL
SCL clock frequency fast I2C mode for local I2C control
400
kHz
Cbus
Total capacitive load for each bus line (DDC and local I2C pins)
400
pF
dR(DDC)
DDC data rate
100
400
kbps
IIH
High-level input current
–30
30
µA
IIL
Low-level input current
–10
10
µA
IOS
Short circuit output current
–50
50
mA
IOZ
High impedance output current
10
µA
ROEPU
Pullup resistance on OE pin
150
250
k
Ω
(1)
These values are based upon a microcontroller driving the control pins. The pullup/pulldown/floating resistor configuration will set the
internal bias to the proper voltage level which will not match the values shown here.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com