Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 5 Page - Texas Instruments

  SN65DP149 Datasheet HTML 1Page - Texas Instruments SN65DP149 Datasheet HTML 2Page - Texas Instruments SN65DP149 Datasheet HTML 3Page - Texas Instruments SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SN65DP149, SN75DP149
www.ti.com
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION (1)
SIGNAL NAME
NO.
15, 35,
GND
Thermal
—
Ground
Pad
(1) (H) Logic high (pin strapped to VCC through 65-k
Ω resistor); (L) logic low (pin strapped to GND through 65-kΩ resistor); (for mid-level,
no connect)
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
–0.3
4
V
Supply voltage(3)
VDD
–0.3
1.4
V
Main link input (IN_Dx AC-coupled mode)
1.56
V
TMDS outputs ( OUT_Dx)
–0.3
4
V
Voltage
HPD_SRC, Vsadj, SDA_CTL, SCL_CTL, OE, HDMI_SEL/A1, EQ_SEL/A0,
–0.3
4
V
I2C_EN/PIN, SLEW_CTL, SDA_SRC, SCL_SRC
HPD_SNK, SDA_SNK, SCL_SNK
–0.3
6
V
Continuous power dissipation
See Thermal Information
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Electrostatic
V(ESD)
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com