Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments SN65DP149 Datasheet HTML 10Page - Texas Instruments SN65DP149 Datasheet HTML 11Page - Texas Instruments SN65DP149 Datasheet HTML 12Page - Texas Instruments SN65DP149 Datasheet HTML 13Page - Texas Instruments SN65DP149 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
7.7 HDMI and DVI TMDS Output Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data rate
≤ 1.65-Gbps; PRE_SEL =
NC; SLEW_CTL = H; OE = H; DR =
VCC – 10
VCC + 10
750-Mbps, VSadj = 7.06-k
Ω
VOH
Single-ended high level output voltage
mV
1.65-Gbps < Data rate
≤ 3.4-Gbps;
PRE_SEL = NC; ; SLEW_CTL = H;
VCC – 200
VCC + 10
OE = H; DR = 2.97-Gbps, VSadj =
6.5-k
Ω
Data rate
≤ 1.65-Gbps; PRE_SEL =
NC; SLEW_CTL = H; OE = H; DR =
VCC – 600
VCC – 400
750-Mbps, VSadj = 6.5-k
Ω
VOL
Single-ended low level output voltage
mV
1.65-Gbps < Data rate
≤ 3.4-Gbps;
PRE_SEL = NC; SLEW_CTL = H;
VCC – 700
VCC – 400
OE = H; DR = 2.97-Gbps, VSadj =
6.5-k
Ω
PRE_SEL = NC; SLEW_CTL = H;
Single-ended output voltage swing on
VSWING_DA
OE = H; DR = 270-Mbs/2.97 VSadj =
400
500
600
mV
data lane
6.5-k
Ω
Data rate
≤ 3.4-Gbps; PRE_SEL =
Single-ended output voltage swing on
VSWING_CLK
NC; SLEW_CTL = H; OE = H; VSadj
400
500
600
mV
clock lane
= 6.5-k
Ω
Change in single-end output voltage
ΔVSWING
20
mV
swing per 100
Ω ΔVsadj
Change in steady state output common
ΔVOCM(SS)
–5
5
mV
mode voltage between logic levels
Output differential voltage before pre-
Vsadj = 7.06-k
Ω; PRE_SEL = Z, See
VOD(PP)
800
1200
mV
emphasis
Figure 5
Vsadj = 7.06-k
Ω; PRE_SEL = L, See
VOD(SS)
Steady-state output differential voltage
600
1050
mV
Figure 6
VCC = 0-V; VDD = 0-V; output pulled
ILEAK
Failsafe condition leakage current
45
µA
to 3.3 V through 50-
Ω resistors
IOS
Short circuit current limit
Main link output shorted to GND
50
mA
Source termination resistance for HDMI
RTERM
75
150
Ω
2.0
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com