Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200G Datasheet(PDF) 17 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 17 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 21Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
17
Notes:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3
3. Quad Output Data
IO0 = (D4, D0,…..)
IO1 = (D5, D1,…..)
IO2 = (D6, D2,…..)
IO3 = (D7, D3,…..)
4. Quad Input Address
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4, D0,…)
IO1 = (x, x, x, x, D5, D1,…)
IO2 = (x, x, x, x, D6, D2,…)
IO3 = (x, x, x, x, D7, D3,…)
6. Security Registers Address:
Security Register0: A23-A16=00h, A15-A8=00h, A7-A0= Byte Address;
Security Register1: A23-A16=00h, A15-A8=01h, A7-A0= Byte Address;
Security Register2: A23-A16=00h, A15-A8=02h, A7-A0= Byte Address;
Security Register3: A23-A16=00h, A15-A8=03h, A7-A0= Byte Address;
Security Register 0 can be used to store the Flash Discoverable Parameters,
The feature is upon special order, please contact ACE for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com