Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200G Datasheet(PDF) 32 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 32 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 36Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
32
Program Security Registers (42H)
See Figure 24, the Program Security Registers instruction is similar to the Page Program
instruction. It allows from 1 to 256 bytes Security Registers data to be programmed. A Write Enable
instruction must previously have been executed to set the Write Enable Latch bit before sending the
Program Security Registers instruction. The Program Security Registers instruction is entered by
driving /CS Low, followed by the instruction code (42H), three address bytes and at least one data
byte on SI. As soon as /CS is driven high, the self-timed Program Security Registers cycle (whose
duration is tPP) is initiated. While the Program Security Registers cycle is in progress, the Status
Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress
(WIP) bit is 1 during the self-timed Program Security Registers cycle, and is
0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable
Latch bit is reset.
If the Security Registers Lock Bit (LB3/LB2/LB1) is set to 1, the Security Registers will be
permanently locked. Program Security Registers instruction will be ignored.
Table 12
Address
A23-A16
A15-A8
A7-A0
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address
Figure 24 Program Security Registers instruction Sequence Diagram
Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com