Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200G Datasheet(PDF) 24 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 24 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 28Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
24
Quad I/O Fast Read with “Continuous Read Mode”
See Figure 14, the Fast Read Quad I/O command can further reduce instruction overhead through
setting the “Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), The upper nibble
of the (M7-4) controls the length of the next Fast Read Quad I/O command through the inclusion or
exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care (“x”).
However, the IO pins should be high-impedance prior to the falling edge of the first data out clock. If
the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Quad I/O command (after /CS
is raised and then lowered) does not require the EBH instruction code, This reduces the command
sequence by eight clocks and allows the Read address to be immediately entered after /CS is
asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next command (after
/CS is raised and then lowered) requires the first byte instruction code, thus returning to normal
operation. A “Continuous Read Mode” Reset command can also be used to reset (M7-0) before
issuing normal commands (see Continuous Read Mode Reset (FFH or FFFFH)).
Figure 14 Quad I/O Fast Read Sequence Diagram (Previous command set M5-4 =10)
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com