Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200G Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
10
Table 4
Status Register-1 (SR1)
BIT Name
Function
Default Value
Description
7
SRP0
Status Resister Protect 0
0
0 = /WP input has no effect or Power Supply Lock
Down mode
1 = /WP input can protect the Status Register or
OTP Lock Down
6
SEC
Sector/Block Protect
0
0 = BP2-BP0 protect 64KB blocks
1 = BP2-BP0 protect 4KB sectors
5
TB
Top/Bottom Protect
0
0 = BP2-BP0 protect from the Top down
1 = BP2-BP0 protect from the Bottom up
4
BP2
Block Protect Bits
0
000b = No protection
See Table 6 and Table 7 for protection ranges
3
BP1
0
2
BP0
0
1
WEL
Write Enable Latch
0
0 = Not Write Enabled, no embedded operation
can start
1 = Write Enabled, embedded operation can start
0
WIP
Write in Progress Status
0
0 = Not Busy, no embedded operation in progress
1 = Busy, embedded operation in progress
The Status and Control Bits
WIP bit
The Write in Progress (WIP) bit indicates whether the memory is busy in program/erase/write status
register progress. When WIP bit sets to 1, means the device is busy in program/erase/write status
register progress, when WIP bit sets 0, means the device is not in program/erase/write status register
progress.
WEL bit
The Write Enable Latch bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write
Status Register, Program or Erase instruction is accepted.
SEC, TB, BP2, BP1, BP0 bits
The Block Protect (SEC, TB, BP2, BP1, BP0) bits are non-volatile. They define the size of the area
to be software protected against Program and Erase instructions. These bits are written with the Write
Status Register instruction. When the Block Protect (SEC, TB, BP2 , BP1 ,BP0) bits are set to 1, the
relevant memory area (as defined in Table 6).becomes protected against Page Program, Sector
Erase and Block Erase instructions. The Block Protect (SEC, TB, BP2, BP1, BP0) bits can be written
provided that the Hardware Protected mode has not been set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com