Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200G Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
14
Instructions Description
All instructions, addresses and data are shifted in and out of the device, beginning with the most
significant bit on the first rising edge of SCLK after /CS is driven low. Then, the one byte instruction
code must be shifted in to the device, most significant bit first on SI, each bit being latched on the
rising edges of SCLK.
See Table 9, every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none. /CS must be
driven high after the last bit of the instruction sequence has been shifted in. For the instruction of
Read, Fast Read, Read Status Register or Release from Deep Power Down, and Read Device ID, the
shifted-in instruction sequence is followed by a data out sequence. /CS can be driven high after any
bit of the data-out sequence is being shifted out.
For the instruction of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register,
Write Enable, Write Disable or Deep Power-Down instruction, /CS must be driven high exactly at a
byte boundary, otherwise the instruction is rejected, and is not executed. That is /CS must driven high
when the number of clock pulses after /CS being driven low is an exact multiple of eight. For Page
Program, if at any time the input byte is not a full byte, nothing will happen and WEL will not be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com