Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200G Datasheet(PDF) 43 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 43 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 47Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
43
AC Electrical Characteristics
Table19
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fc
Clock
frequency
for
all
instructions,
except
Read
Data(03H)
DC.
108
MHz
fR
Clock freq. Read Data instruction(03H)
DC.
55
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
(1)
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
(1)
V/ns
tSLCH
/CS Active Setup Time
5
ns
tCHSH
/CS Active Hold Time
5
ns
tSHCH
/CS Not Active Setup
Time
5
ns
tCHSL
/CS Not Active Hold Time
5
ns
tSHSL
/CS High Time(read/write)
20
ns
tSHQZ
Output
Disable Time
6
ns
tCLQX
Output
Hold Time
0
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
/Hold Low Setup Time (relative to Clock)
5
ns
tHHCH
/Hold High Setup Time (relative to Clock)
5
ns
tCHHL
/Hold High Hold Time (relative to Clock)
5
ns
tCHHH
/Hold Low Hold Time (relative to Clock)
5
ns
tHLQZ
/Hold Low To High-Z Output
6
ns
tHHQX
/Hold Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before /CS Low
20
ns
tSHWL
Write Protect Hold Time After /CS High
100
ns
tDP
/CS High To Deep Power-Down Mode
0.1
µs
tRES1
/CS High To Standby Mode Without Electronic Signature
Read
3
µs
tRES2
/CS High To Standby Mode With Electronic Signature Read
1.5
µs
tSUS
/CS High To Next Instruction After Suspend
2
µs
tW
Write Status Register Cycle Time
10
15
(2)
ms
tBP1
Byte Program Time (First Byte) (3)
5
10
µs
tBP2
Additional Byte Program Time (After First Byte) (3)
2.8
5
µs
tPP
Page Programming Time
0.7
2.4
ms
tSE
Sector Erase Time
60
300
ms
tBE
Block Erase Time(32K Bytes/64K Bytes)
0.3/0.5
0.75/1.5
s
tCE
Chip Erase Time
2
5
s
Note:
1. Tested with clock frequency lower than 50 MHz.
2. tW can be up to 45 ms at -40℃ during the characterization of the current design. It will be improved in the future design.
3. For multiple bytes after first byte within a page, tBPn = tBP1 + tBP2 * N, where N is the number of bytes programmed
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com