Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8285 Datasheet HTML 3Page - Analog Devices AD8285 Datasheet HTML 4Page - Analog Devices AD8285 Datasheet HTML 5Page - Analog Devices AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices AD8285 Datasheet HTML 10Page - Analog Devices AD8285 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 7 of 27
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect To
Rating
Electrical
AVDD18x
GND
−0.3 V to +2.0 V
AVDD33x
GND
−0.3 V to +3.5 V
DVDD18x
GND
−0.3 V to +2.0 V
DVDD33x
GND
−0.3 V to +3.5 V
Analog Inputs
INx+, INx−
GND
−0.3 V to +3.5 V
Auxiliary Inputs
INADC+, INADC-
GND
−0.3 V to +2.0 V
Digital Outputs
D[11:0], DSYNC, SDIO
GND
−0.3 V to +3.5 V
CLK+, CLK−
GND
−0.3 V to +3.9 V
PDWN, SCLK, CS, AUX,
MUXA, ZSEL
GND
−0.3 V to +3.9 V
RBIAS, VREF
GND
−0.3 V to +2.0 V
Environmental
OperatingTemperature
Range (Ambient)
−40°C to +105°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com