Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8285 Datasheet HTML 11Page - Analog Devices AD8285 Datasheet HTML 12Page - Analog Devices AD8285 Datasheet HTML 13Page - Analog Devices AD8285 Datasheet HTML 14Page - Analog Devices AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 15 of 27
CHANNEL OVERVIEW
Each channel contains an LNA, a PGA, and an AAF in the
signal path. The LNA input impedance can be either 200 Ω or
200 kΩ. The PGA has selectable gains that result in channel
gains ranging from 16 dB to 34 dB. The AAF has a three-pole
elliptical response with a selectable cutoff frequency. The mux
is synchronized with the ADC and automatically selects the
next active channel after the ADC acquires a sample.
The signal path is fully differential throughout to maximize
signal swing and reduce even-order distortion including the
LNA, which is designed to be driven from a differential signal
source.
Low Noise Amplifier(LNA)
Good noise performance relies on a proprietary ultralow noise
LNA at the beginning of the signal chain, which minimizes the
noise contributions on the following PGA and AAF. The input
impedance can be either 200 Ω or 200 kΩ and is selected through
the SPI port or by the ZSEL pin.
The LNA supports differential output voltages as high as 4.0 V p-p
with positive and negative excursions of ±1.0 V froma common-
mode voltage of 1.5 V. With the output saturation level fixed,
the channel gain sets the maximum input signal before
saturation.
Low value feedback resistors and the current-driving capability
of the output stage allow the LNA to achieve a low input-
referred noise voltage of 3.5 nV/√Hz at a channel gain of 34 dB.
The use of a fully differential topology and negative feedback
minimizes second-order distortion. Differential signaling
enables smaller swings at each output, further reducing third-
order distortion.
Recommendation
To achieve the best possible noise performance, it is important
to match the impedances seen by the positive and negative
inputs. Matching the impedances ensures that any common-
mode noise is rejected by the signal path.
AntialiasingFilter(AAF)
The filter that the signal reaches prior to the ADC is used to
band limit the signal for antialiasing.
The antialiasing filter uses a combination of poles and zeros to
create a third-order elliptical filter. An elliptical filter is used to
achieve a sharp roll off after the cutoff frequency. The filter uses
on-chip tuning to trim the capacitors to set the desired cutoff
frequency. This tuning method reduces variations in the cutoff
frequency due to standard IC process tolerances of resistors
and capacitors. The default −3 dB low-pass filter cutoff is 1/3 or
1/4 the ADC sample clock rate. The cutoff can be scaled to 0.7,
0.8, 0.9, 1, 1.1, 1.2, or 1.3 times this frequency through the SPI.
Tuning is normally off to avoid changing the capacitor settings
during critical times. The tuning circuit is enabled and disabled
through the SPI. Initializing the tuning of the filter must be
performed after initial power-up and after reprogramming the
filter cutoff scaling or ADC sample rate. Occasional retuning
during an idle time is recommended to compensate for
temperature drift.
A cut-off range of 1 MHz to 12 MHz is possible. An example
follows:
•
Four channels selected: A, B, C, and AUX
•
ADC clock: 30 MHz
•
Per channel sample rate = 30/4 = 7.5 MSPS
•
Default tuned cutoff frequency = 7.5/4 = 1.88 MHz
Muxand Mux Controller
The mux is designed to automatically scan through each active
channel. The mux remains on each channel for one clock cycle,
then switches to the next active channel. The mux switching is
synchronized to the ADC sampling so that the mux switching
and channel settling time do not interfere with ADC sampling.
As indicated in Table 9, Register Address 0C, Flex Mux Control,
Channel A, is usually the first converted input. The one
exceptions occurs when Channel AUX is the sole input (see
Figure 26 for timing). Channel AUX is always forced to be the
last converted input. Unselected codes put the respective
channels (LNA, PGA, and Filter) in power-down mode unless
Register Address 0C, Bit 6, is set to 1. Figure 26 shows the
timing of the clock input and data/DSYNC outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com