Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8285 Datasheet HTML 13Page - Analog Devices AD8285 Datasheet HTML 14Page - Analog Devices AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 17 of 27
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
CLK+ should be driven directly from a CMOS gate, and the
CLK− pin should be bypassed to ground with a 0.1 μF capacitor
in parallel with a 39 kΩ resistor (see Figure 30). Although the
CLK+ input circuit supply is AVDD18, this input is designed to
withstand input voltages of up to 3.3 V, making the selection of
the drive logic voltage very flexible. The AD9515/AD9520-0
family of parts can be used to provide 3.3 V inputs (see Figure 31).
In this case, 39 kΩ is not needed.
0.1µF
0.1µF
0.1µF
39kΩ
1.8V
CMOS DRIVER
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8283
3.3V
OUT
VFAC3
AD9515/AD9520-0
Figure 30. Single-Ended 1.8 V CMOS Sample Clock
0.1µF
0.1µF
CMOS DRIVER
3.3V
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8283
3.3V
OUT
VFAC3
0.1µF
AD9515/AD9520-0
Figure 31. Single-Ended 3.3 V CMOS Sample Clock
CLOCK DUTY CYCLE CONSIDERATIONS
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle tomaintain dynamic performance
characteristics. The AD8283 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD8283.
When the DCS is on, noise and distortion performance are nearly
flat for a wide range of duty cycles. However, some applications
may require the DCS function to be off. If so, keep in mind that
the dynamic range performance can be affected when operated in
this mode. See Table 9 for more details on using this feature.
The duty cycle stabilizer uses a delay-locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately eight clock cycles to
allow the DLL to acquire and lock to the new rate.
CLOCK JITTER CONSIDERATIONS
High speed, high resolution ADCs are sensitive tothe quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 × log 10[1/2 × π × fA × tJ]
In this equation, the RMS aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter. IF undersampling applications
are particularly sensitive to jitter.
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD8283.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources, such as the Valpey Fisher VFAC3 series.
If the clock is generated from another type of source (by gating,
dividing, or other methods), it should be retimed by the
original clock during the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about how
jitter performance relates to ADCs (visit www.analog.com).
SDIO PIN
The SDIO pin is required tooperate the SPI. It has an internal
30 kΩ pull-down resistor that pulls this pin low and is only 1.8 V
tolerant. If applications require that this pin be driven from a
3.3 V logic level, insert a 1 kΩ resistor in series with this pin to
limit the current.
SCLK PIN
The SCLK pin is required to operate the SPI port interface. It has
an internal 30 kΩ pull-down resistor that pulls this pin low and is
both 1.8 V and 3.3 V tolerant.
CS PIN
The CS pin is required to operate the SPI port interface. It has an
internal 70 kΩ pull-up resistor that pulls this pin high and is both
1.8 V and 3.3 V tolerant.
RBIAS PIN
To set the internal core bias current of the ADC, place a resistor
nominally equal to 10.0 kΩ to ground at the RBIAS pin. Using
other than the recommended 10.0 kΩ resistor for RBIAS
degrades the performance of the device. Therefore, it is imperative
that at least a 1.0% tolerance on this resistor be used to achieve
consistent performance.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD8283. This is gained up internally by a factor of 2, setting
VREF to 1.0 V, which results in a full-scale differential input
span of 2.0 V p-p for the ADC. VREF is set internally by
default, but the VREF pin can be driven externally with a 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com