Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices AD8285 Datasheet HTML 10Page - Analog Devices AD8285 Datasheet HTML 11Page - Analog Devices AD8285 Datasheet HTML 12Page - Analog Devices AD8285 Datasheet HTML 13Page - Analog Devices AD8285 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 10 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V, 1.8 V, TA = 25°C, FS = 72 MSPS, RIN =200 kΩ, VREF = 1.0 V.
–40
–30
–20
–10
0
10
20
30
40
50
0.1
1
10
100
FREQUENCY (MHz)
34dB
28dB
22dB
16dB
Figure 4. Channel Gain vs. Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–15
10
35
60
85
TEMPERATURE (°C)
34dB
28dB
22dB
16dB
Figure 5. Gain Error vs. Temperature at All Gains
(dB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
16.00
16.08
16.16
16.24
16.32
16.4
16.48
16.56
16.64
16.72
16.8
16.88
16.96
Figure 6. Gain Error Histogram (Gain = 16 dB)
(LSB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
33.50
33.58
33.66
33.74
33.82
33.90
33.98
34.06
34.14
34.22
34.30
34.38
34.46
Figure 7. Gain Error Histogram (Gain = 34 dB)
(dB)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
Figure 8. Channel-to-Channel Gain Matching (Gain = 16 dB)
0
1
2
3
4
5
6
7
8
9
10
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
(dB)
Figure 9. Channel-to-Channel Gain Matching (Gain = 34 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com