Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices AD8285 Datasheet HTML 24Page - Analog Devices AD8285 Datasheet HTML 25Page - Analog Devices AD8285 Datasheet HTML 26Page - Analog Devices AD8285 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 25 of 27
APPLICATION DIAGRAMS
PDWN
SCLK
SDIO
AUX
MUXA
ZSEL
DSYNC
NOTES
1. ALL CAPACITORS FOR SUPPLIES AND REFERENCES SHOULD BE PLACED CLOSE TO THE PART.
INC+
0.1µF
3.3V
AVDD33REF
0.1µF
AVDD33A
0.1µF
AVDD33B
0.1µF
AVDD33C
0.1µF
AVDD33D
0.1µF
AVDD33E
0.1µF
AVDD33F
0.1µF
3.3V
DVDD33SPI
0.1µF
DVDD33CLK
0.1µF
DVDD33DRV
0.1µF
DVDD33DRV
0.1µF
1.8V
AVDD18
0.1µF
AVDD18
0.1µF
AVDD18ADC
0.1µF
1.8V
DVDD18
0.1µF
DVDD18CLK
0.1µF
INC–
0.1µF
INB+
0.1µF
INB–
0.1µF
INA–
0.1µF
INA+
0.1µF
10kΩ
INF+
0.1µF
INE+
0.1µF
INE–
0.1µF
INF–
0.1µF
IND+
0.1µF
IND–
0.1µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
DSYNC
PDWN
DVDD18
SCLK
SDIO
CS
AUX
MUXA
ZSEL
TEST1
TEST2
DVDD33SPI
AVDD18
AVDD33A
INA–
17
INA+
18
NC
NC
TEST4
DVDD18CLK
CLK+
CLK–
DVDD33CLK
AVDD33REF
VREF
RBIAS
BAND
APOUT
ANOUT
TEST3
AVDD18ADC
AVDD18
INADC+
INADC–
NC
AD8283
(TOP VIEW)
CS
CLK+
CLK–
INADC+
0.1µF
0.1µF
0.1µF
10kΩ
1%
INADC–
0.1µF
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
Figure 33. Differential Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com