Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8285 Datasheet HTML 10Page - Analog Devices AD8285 Datasheet HTML 11Page - Analog Devices AD8285 Datasheet HTML 12Page - Analog Devices AD8285 Datasheet HTML 13Page - Analog Devices AD8285 Datasheet HTML 14Page - Analog Devices AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 14 of 27
THEORY OF OPERATION
RADAR RECEIVE PATH AFE
The primary application for the AD8283 is high-speed ramp,
frequency modulated, continuous wave radar (HSR-FMCW
radar). Figure 25 shows a simplified block diagram of an HSR-
FMCW radar system. The signal chain requires multiple
channels, each including a low noise amplifier (LNA), a
programmable gain amplifier (PGA), an antialiasing filter
(AAF), and an analog-to-digital converter (ADC). The AD8283
provides all of these key components in a single 10 × 10 LFCSP
package.
The performance of each component is designed to meet the
demands of an HSR-FMCW radar system. Some examples of
these performance metrics are the LNA noise, PGA gain range,
AAF cutoff characteristics, and ADC sample rate and
resolution.
The AD8283 includes a multiplexer (mux) in front of the ADC
as a cost saving alternative to having an ADC for each channel.
The mux automatically switches between each active channel
after each ADC sample. The DSYNC output indicates when
Channel A data is at the ADC output, and data for each active
channel follows sequentially with each clock cycle.
The effective sample rate for each channel is reduced by a factor
equal to the number of active channels. The ADC resolution of
12 bits with up to 72 MSPS sampling satisfies the requirements
for most HSR-FMCW approaches.
PA
DSP
ANTENNA
VCO
12-BIT
ADC
AAF
AAF
AAF
PGA
LNA
PGA
LNA
PGA
LNA
AD8283
MUX
REF.
OSCILLATOR
CHIRP RAMP
GENERATOR
Figure 24. Radar System Overview
MUX
AD8283
MUX
CONTROLLER
SPI
INTERFACE
SDIO
SCLK
AAF
PGA
LNA
PIPELINE
ADC
THIRD-ORDER
ELLIPTICAL FILTER
–6dB,
0dB,
6dB,
12dB
12-BIT
72MSPS
INx+
INx–
22dB
200Ω/
200kΩ
PARALLEL
3.3V CMOS
D11:D0
DSYNC
Figure 25. Simplified Block Diagram of a Single Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com