Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices AD8285 Datasheet HTML 24Page - Analog Devices AD8285 Datasheet HTML 25Page - Analog Devices AD8285 Datasheet HTML 26Page - Analog Devices AD8285 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 23 of 27
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default Notes/
Comments
0D
FLEX_TEST_IO
User test mode
00 = off (default)
01 = on, single
alternate
10 = on, single once
11 = on, alternate
once
Reset PN
long
gen
1 = on
0 = off
(default)
Reset PN
short
gen
1 = on
0 = off
(default)
Output test mode—see
Table 10
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN sequence long
0110 = PN sequence short
0111 = one-/zero-word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency (format
determined by the OUTPUT_MODE register)
0x00
When this
register is set,
the test data is
placed on the
output pins in
place of
normal data.
(Local, except
for PN
sequence.)
0F
FLEX_CHANNEL_INPUT
Filter cutoff frequency control
0000 = 1.3 × 1/4 × fSAMPLECH
0001 = 1.2 × 1/4 × fSAMPLECH
0010 = 1.1 × 1/4 × fSAMPLECH
0011 = 1.0 × 1/4 × fSAMPLECH (default)
0100 = 0.9 × 1/4 × fSAMPLECH
0101 = 0.8 × 1/4 × fSAMPLECH
0110 = 0.7 × 1/4 × fSAMPLECH
0111 = N/A
1000 = 1.3 × 1/3 × fSAMPLECH
1001 = 1.2 × 1/3 × fSAMPLECH
1010 = 1.1 × 1/3 × fSAMPLECH
1011 = 1.0 × 1/3 × fSAMPLECH
1100 = 0.9 × 1/3 × fSAMPLECH
1101 = 0.8 × 1/3 × fSAMPLECH
1110 = 0.7 × 1/3 × fSAMPLECH
1111 = N/A
X
X
X
X
0x30
Low pass filter
cutoff (global).
fSAMPLECH = ADC
sample rate/
number of
active
channels.
Note that the
absolute range
is limited to
1 MHz to
12 MHz.
10
FLEX_OFFSET
X
X
6-bit LNA offset adjustment
00 0000 for LNA bias high
01 1111 for LNA mid-high
10 0000 for LNA mid-low (default)
11 1111 for LNA bias low
0x20
LNA force
offset
correction
(local).
11
FLEX_GAIN_1
X
X
X
X
X
010 = 16 dB(default)
011 = 22 dB
100 = 28 dB
101 = 34 dB
0x00
Total LNA +
PGA gain
adjustment
(local)
12
FLEX_BIAS_CURRENT
X
X
X
X
X
X
LNA bias
00 = high
01 = mid-high
(default)
10 = mid-low
11 = low
0x09
LNA bias
current
adjustment
(global).
14
FLEX_OUTPUT_MODE
X
X
X
X
X
1 =
output
invert
(local)
0 = offset binary
(default)
1 = twos comple-
ment (global)
0x00
Configures the
outputs and
the format of
the data.
15
FLEX_OUTPUT_ADJUST
0 =
enable
Data
Bits
[11:0]
1 =
disable
Data
Bits
[11:0]
X
X
X
Typical output rise
time and fall time,
respectively
00 = 2.6 ns, 3.4 ns
01 = 1.1 ns, 1.6 ns
10 = 0.7 ns, 0.9 ns
11 = 0.7 ns, 0.7 ns
(default)
Typical output drive
strength
00 = 45 mA
01 = 30 mA
10 = 60 mA
11 = 60 mA
(default)
0x0F
Used to adjust
output rise and
fall times and
select output
drive strength,
limiting the
noise added to
the channels
by output
switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com