Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 3 Page - Analog Devices

  AD8285 Datasheet HTML 1Page - Analog Devices AD8285 Datasheet HTML 2Page - Analog Devices AD8285 Datasheet HTML 3Page - Analog Devices AD8285 Datasheet HTML 4Page - Analog Devices AD8285 Datasheet HTML 5Page - Analog Devices AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 3 of 27
SPECIFICATIONS
AC SPECIFICATIONS
AVDD18x = 1.8 V, AVDD33x = 3.3 V, DVDD18x = 1.8 V, DVDD33x = 3.3 V, 1.024 V internal ADC reference, fIN = 2.5 MHz, fSAMPLE =
72 MSPS, RS = 50 Ω, LNA + PGA gain = 34 dB, LPF cutoff = fSAMPLECH/4, full channel mode, 12-bit operation, temperature = −40°C to
+105°C, unless otherwise noted.
Table 2.
AD8283W
Parameter1
Conditions
Min
Typ
Max
Unit
ANALOG CHANNEL CHARACTERISTICS
LNA, PGA, and AAF channel
Gain
16/22/28/34
dB
Gain Range
18
dB
Gain Error
−1.25
+1.25
dB
Input VoltageRange
Channel gain =16 dB
0.25
V p-p
Channel gain = 22 dB
0.125
Channel gain = 28 dB
0.0625
Channel gain = 34 dB
0.03125
Input Resistance
200 Ω input impedance selected
0.180
0.230
0.280
kΩ
200 kΩ input impedance selected
160
200
240
Input Capacitance
22
pF
Input-ReferredVoltage Noise
Max gain at1 MHz
1.85
nV/√Hz
Min gain at 1 MHz
6.03
nV/√Hz
Noise Figure
Max gain, RS = 50 Ω, unterminated
7.1
dB
Max Gain, RS=RIN = 50 Ω
12.7
dB
Output Offset
Gain= 16 dB
−60
+60
LSB
Gain= 34 dB
−250
+250
LSB
AAF Low-Pass FilterCutoff
−3 dB, programmable
1.0 to 12.0
MHz
AAF Low-PassFilter CutoffTolerance
After filter autotune
−10
±5
+10
%
AAF Attenuation in Stop Band
Third order elliptical filter
2× cutoff
30
dB
3× cutoff
40
dB
Group Delay Variation
Filter set at 2 MHz
400
ns
Channel-to-Channel Phase Variation
Frequencies up to −3 dB
−5
±0.5
+5
Degrees
¼ of −3 dB frequency
−1
+1
Degrees
Channel-to-Channel GainMatching
Frequencies up to −3 dB
−0.5
±0.1
+0.5
dB
1/4 of −3 dB frequency
−0.25
+0.25
dB
1 dB Compression
Relative to output
9.8
dBm
Crosstalk
−70
−55
dBc
POWER SUPPLY
AVDD18x
1.7
1.8
1.9
V
AVDD33x
3.1
3.3
3.5
V
DVDD18x
1.7
1.8
1.9
V
DVDD33x
3.1
3.3
3.5
V
IAVDD18
Full-channelmode
190
mA
IAVDD33
Full-channelmode
190
mA
IDVDD18
22
mA
IDVDD33
2
mA
Total Power Dissipation– per
channel
Full-channelmode, no signal, typical
supply voltage × maximum supply
current; excludesoutputcurrent
170
mW
Power-DownDissipation
5
mW
Power Supply RejectionRatio(PSRR)
Relative to input
1.6
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com