Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8285 Datasheet HTML 14Page - Analog Devices AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 18 of 27
reference to achieve more accuracy. However, this device does
not support ADC full-scale ranges below 2.0 V p-p.
When applying the decoupling capacitors to the VREF pin, use
ceramic low-ESR capacitors. These capacitors should be close to
the reference pin and on the same layer of the PCB as
the AD8283. The VREF pin should have both a 0.1 µF capacitor
and a 1 µF capacitor connected in parallel to the analog ground.
These capacitor values are recommended for the ADC to
properly settle and acquire the next valid sample.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD8283, it is recommended
that two separate 1.8 V supplies and two separate 3.3 V supplies
be used: one for analog 1.8 V (AVDD18x) and digital 1.8 V
(DVDD18x) and one for analog 3.3 V (AVDD33x) and digital
3.3 V (DVDD33x). If only one supply is available for both analog
and digital, for example, AVDD18x and DVDD18x, it should be
routed to the AVDD18x first and then tapped off and isolated
with a ferrite bead or a filter choke preceded by decoupling
capacitors for the DVDD18x. The same is true for the analog
and digital 3.3 V supplies. The user should employ several
decoupling capacitors on all supplies to cover both high and low
frequencies. These should be located close to the point of entry
at the PC board level and close to the parts, with minimal trace
lengths.
A single PC board ground plane should be sufficient when using
the AD8283. With proper decoupling and smart partitioning of
the PC board’s analog, digital, and clock sections, optimum
performance can be achieved easily.
EXPOSED PADDLE THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed paddle on the underside of the
device be connected to a quiet analog ground to achieve the
best electrical and thermal performance of the AD8283. An
exposed continuous copper plane on the PCB should mate to
the AD8283 exposed paddle, Pin 0. The copper plane should
have several vias to achieve the lowest possible resistive thermal
path for heat dissipation to flow through the bottom of the PCB.
These vias should be filled or plugged with nonconductive epoxy.
To maximize the coverage and adhesion between the device and
PCB, partition the continuous copper pad by overlaying a silk-
screen or solder mask to divide this into several uniform sections.
This ensures several tie points between the two during the reflow
process. Using one continuous plane with no partitions only
guarantees one tie point between the AD8283 and PCB. For
more detailed information on packaging and for more PCB
layout examples, see the AN-772 Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com