Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 44 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 44 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 40Page - SPANSION MB9DF564MLE Datasheet HTML 41Page - SPANSION MB9DF564MLE Datasheet HTML 42Page - SPANSION MB9DF564MLE Datasheet HTML 43Page - SPANSION MB9DF564MLE Datasheet HTML 44Page - SPANSION MB9DF564MLE Datasheet HTML 45Page - SPANSION MB9DF564MLE Datasheet HTML 46Page - SPANSION MB9DF564MLE Datasheet HTML 47Page - SPANSION MB9DF564MLE Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
43
CONFIDENTIAL
Treatment of R/D Converter and A/D Converter Power Supply Pins
If unuse R/D converter and A/D converter, needs connection as follows.
− AVCC0 = AVCC1= AVCC2 = AVRH0= AVRH1 = AVRH2 = RVCC0 = RVCC1 = RVRH0 =RVRH1 =
VCC5
− AVSS0 = AVSS1 = AVSS2 = AVRL0 = AVRL1 = AVRL2 = AVR0 = AVR1 = RVSS0 = RVSS1 =
RVRL0 = RVRL1 = RVR0 = RVR1 = VSS
Note on Using External Clock
The external clock is unsupported.
External direct clock input cannot use.
Power-on Sequence of R/D Converter and A/D Converter Power Supply Analog Inputs
Be sure to turn on the digital power supply (VCC5, VCC12) first, and then turn on the R/D converter and A/D
converter power supplies*1 and analog inputs*2. Also, turn off the R/D converter and A/D converter power
supplies*1 and analog inputs*2 first, and then turn off the digital power supply (VCC5, VCC12).
When the AVRH0, AVRH1, AVRH2, RVRH0 and RVRH1 pin voltages are turned on or off, they must not
exceed AVCC0, AVCC1, AVCC2, RVCC0 and RVCC1. Even if a common analog input pin is used as an
input port, its input voltage must not exceed AVCC0, AVCC1 or AVCC2. (However, the analog power supply
voltage and digital power supply voltage can be turned on or off simultaneously.)
*1: AVCC0, AVCC1, AVCC2, AVRH0, AVRH1, AVRH2, AVRL0, AVRL1, AVRL2, RVCC0, RVCC1, RVRH0,
RVRH1, RVRL0, RVRL1
*2: MAG_PLUS0, MAG_MINUS0, COS_PLUS0, COS_MINUS0, SIN_PLUS0, SIN_MINUS0, COS_IN0,
SIN_IN0, MAG_PLUS1, MAG_MINUS1, COS_PLUS1, COS_MINUS1, SIN_PLUS1, SIN_MINUS1,
COS_IN1, SIN_IN1, 4AN0 to 4AN7, AN0 to AN31
Notes When Writing Data in a Register Having the Status Flag
When writing data in the register that has a status flag (especially, an interrupt request flag) to control
function, take care not to clear its status flag erroneously. The program must be written not to clear the flag
to the status bit, and to set the control bits to have the desired value.
Especially, if multiple control bits are used, the bit instruction cannot be used. (The bit instruction can
access to a single bit only.) The Byte, Half-word, or Word access must be used to write data in the control
bits and status flag simultaneously. During this time, take care not to clear other bits (in this case, the bits of
status flag) erroneously.
Note:
−
These points can be ignored because the bit instructions already take the points into consideration
for registers that are supported by bit-band unit. These points must be considered when using the bit
instruction for registers that are not supported by bit-band unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com