Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 96 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 96 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 92Page - SPANSION MB9DF564MLE Datasheet HTML 93Page - SPANSION MB9DF564MLE Datasheet HTML 94Page - SPANSION MB9DF564MLE Datasheet HTML 95Page - SPANSION MB9DF564MLE Datasheet HTML 96Page - SPANSION MB9DF564MLE Datasheet HTML 97Page - SPANSION MB9DF564MLE Datasheet HTML 98Page - SPANSION MB9DF564MLE Datasheet HTML 99Page - SPANSION MB9DF564MLE Datasheet HTML 100Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
95
CONFIDENTIAL
(9) External Low-Voltage Detection
(TA: Recommended operating conditions, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
range
VDP5
VCC5
-
-
-
5.5
V
Detection voltage
VDL
VCC5
*1
3.7
3.9
4.1
V
−
When power supply voltage falls
−
The original setting of detection
level is 4.1V±0.2V
Hysteresis width
VHYS
VCC5
-
75
100
150
mV
−
When power supply voltage rises
Low voltage detection
time
Td
-
-
-
-
30
µ
s
Power supply voltage
fluctuation rate
-
VCC5
-
-4
-
-
V/ms
*2
*1: If the fluctuation of the power supply has exceeded the detection voltage range within the time less than
the low-voltage detection time (Td), there is the possibility to generate or release after the power supply
voltage has exceeded the detection voltage range.
*2: In order to perform the low-voltage detection at the detection voltage (VDL), be sure to suppress
fluctuation of the power supply within the limits of the power supply voltage fluctuation rate.
(10) Internal Low-Voltage Detection
(TA: Recommended operating conditions, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
range
VRDP5
VCC12
-
-
-
1.3
V
Detection voltage
VRDL
VCC12
*1
0.8
0.9
1.0
V
−
When power supply voltage falls
Hysteresis width
VRHYS
VCC12
-
20
30
50
mV
−
When power supply voltage rises
Low voltage detection
time
TRd
-
-
-
-
30
µ
s
Power supply voltage
fluctuation rate
-
VCC12
-
-4
-
-
V/ms
*2
*1: If the fluctuation of the power supply has exceeded the detection voltage range within the time less than
the low-voltage detection time (TRd), there is the possibility to generate or release after the power supply
voltage has exceeded the detection voltage range.
*2: In order to perform the low-voltage detection at the detection voltage (VRDL), be sure to suppress
fluctuation of the power supply within the limits of the power supply voltage fluctuation rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com