Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 98 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 98 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 94Page - SPANSION MB9DF564MLE Datasheet HTML 95Page - SPANSION MB9DF564MLE Datasheet HTML 96Page - SPANSION MB9DF564MLE Datasheet HTML 97Page - SPANSION MB9DF564MLE Datasheet HTML 98Page - SPANSION MB9DF564MLE Datasheet HTML 99Page - SPANSION MB9DF564MLE Datasheet HTML 100Page - SPANSION MB9DF564MLE Datasheet HTML 101Page - SPANSION MB9DF564MLE Datasheet HTML 102Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
97
CONFIDENTIAL
13.6 4 Channels Same Time Sampling A/D Converter
(1) Electrical Characteristics
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Non linearity error
-
-
-4.0
-
+4.0
LSB
Differential linearity
error
-
-
-1.9
-
+1.9
LSB
Zero transition
voltage
VZT
4AN0 to 4AN7
AVRL
+0.5LSB-20
-
AVRL
+0.5LSB+20
mV
1LSB=(VFST-VZT)/4094
Full-scale transition
voltage
VFST
4AN0 to 4AN7
AVRH
-1.5LSB-20
-
AVRH
-1.5LSB+20
mV
Sampling time
tSMP
-
0.6
-
1.2
µ
s
*1
Compare time
tCMP
-
1.4
-
5.6
µ
s
*2
A/D conversion time
tCNV
-
2
-
6.8
µ
s
*3
Analog port input
current
IAIN
4AN0 to 4AN7
-0.7
-
0.7
µ
A
VAVSS≤VAIN≤VAVCC
Analog input voltage
VAIN
4AN0 to 4AN7
AVSS
-
AVRH
V
Reference voltage
AVRH
AVRH0, AVRH1
4.5
-
5.5
V
AVCC≥AVRH
AVRL
AVRL0, AVRL1
-
0.0
-
V
Power supply
current
IA
AVCC0, AVCC1
-
1.0
1.5
mA
1 unit operation
IAH
-
-
27.5
µ
A
1 unit operation*4
IR
AVRH0, AVRH1
-
0.5
4.0
mA
1 unit operation
IRH
-
-
4.5
µ
A
1 unit operation*4
Variation between
channels
-
4AN0 to 4AN3
-
-
20
mV
-
4AN4 to 4AN7
-
-
20
mV
*1: 4 channels same time sampling time.
*2: Compare time for 4 channels.
*3: Conversion time for 4 channels.
*4: The power supply current (VCC=AVCC=5.0V) is specified if the A/D converter is not operating and CPU is
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com