Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 19 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 19 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 15Page - SPANSION MB9DF564MLE Datasheet HTML 16Page - SPANSION MB9DF564MLE Datasheet HTML 17Page - SPANSION MB9DF564MLE Datasheet HTML 18Page - SPANSION MB9DF564MLE Datasheet HTML 19Page - SPANSION MB9DF564MLE Datasheet HTML 20Page - SPANSION MB9DF564MLE Datasheet HTML 21Page - SPANSION MB9DF564MLE Datasheet HTML 22Page - SPANSION MB9DF564MLE Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
D at aS he e t
18
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin 176 pin
63
51
P319
RTO22
TIOB2
E
General-purpose I/O port
Waveform generator ch.22 output pin
Base timer ch.2 TIOB input pin
64
52
P320
RTO23
TIOA3
E
General-purpose I/O port
Waveform generator ch.23 output pin
Base timer ch.3 TIOA I/O pin
65
53
P321
SIN0
INT3
TIOB3
E
General-purpose I/O port
Multi-function serial interface ch.0 serial data input pin
INT3 external interrupt input pin
Base timer ch.3 TIOB input pin
66
54
P322
SOT0
E
General-purpose I/O port
Multi-function serial interface ch.0 serial data output pin
67
55
P323
SCK0
E
General-purpose I/O port
Multi-function serial interface ch.0 clock I/O pin
70
58
P324
STOPWT
IN6
IN16
E
General-purpose I/O port
FlexRay stop watch input pin
16-bit input capture ch.6 external pulse input pin
32-bit input capture ch.0 external pulse input pin
71
59
P325
RXDA
IN7
IN17
H
General-purpose I/O port
FlexRay ch.A data input pin
16-bit input capture ch.7 external pulse input pin
32-bit input capture ch.1 external pulse input pin
72
60
P326
TXDA
IN8
IN18
H
General-purpose I/O port
FlexRay ch.A data output pin
16-bit input capture ch.8 external pulse input pin
32-bit input capture ch.2 external pulse input pin
73
61
P327
TXENA
IN9
IN19
H
General-purpose I/O port
FlexRay ch.A operation enable output pin
16-bit input capture ch.9 external pulse input pin
32-bit input capture ch.3 external pulse input pin
74
62
P328
RXDB
IN10
IN20
H
General-purpose I/O port
FlexRay ch.B data input pin
16-bit input capture ch.10 external pulse input pin
32-bit input capture ch.4 external pulse input pin
75
63
P329
TXDB
IN11
IN21
H
General-purpose I/O port
FlexRay ch.B data output pin
16-bit input capture ch.11 external pulse input pin
32-bit input capture ch.5 external pulse input pin
76
64
P330
TXENB
IN12
H
General-purpose I/O port
FlexRay ch.B operation enable output pin
16-bit input capture ch.12 external pulse input pin
77
65
NMIX
B
Non-maskable interrupt input pin
78
66
RSTX
B
External reset input pin
79
67
MD1
C
Mode pin 1 (with high-voltage control)
80
68
MD0
C
Mode pin 0 (with high-voltage control)
81
69
X0
A
Main clock oscillation input pin
82
70
X1
Main clock oscillation output pin
84
72
TRSTX
J
JTAG test reset input
85
73
TCK
J
JTAG test clock input
86
74
TDO
I
JTAG test data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com