Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 58 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 58 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 54Page - SPANSION MB9DF564MLE Datasheet HTML 55Page - SPANSION MB9DF564MLE Datasheet HTML 56Page - SPANSION MB9DF564MLE Datasheet HTML 57Page - SPANSION MB9DF564MLE Datasheet HTML 58Page - SPANSION MB9DF564MLE Datasheet HTML 59Page - SPANSION MB9DF564MLE Datasheet HTML 60Page - SPANSION MB9DF564MLE Datasheet HTML 61Page - SPANSION MB9DF564MLE Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
57
CONFIDENTIAL
−
The value of the limiting resistor should be set so that the current input to the microcontroller pin
does not exceed rated values at any time regardless of instantaneously or constantly when the + B
signal is input.
−
Note that when the microcontroller drive current is low, such as in the low-power consumption
modes, the + B input potential can increase the potential at the VCC pin via a protective diode,
possibly affecting other devices.
−
Note that if the + B signal is input when the microcontroller is off (not fixed at 0V), since the power is
supplied through the pin, the microcontroller may operate incompletely.
−
Note that if the +B signal is input at power-on, since the power is supplied through the pin, the
power-on reset may not function in the power supply voltage.
−
Do not leave + B input pins open.
Sample Recommended Circuit
MB9D560 series
+B input(12 to 16V)
Protective diode
Limiting resistor current
*9: To use this product at TA=125°C, equip this on a multilayer board with four or more layers.
To equip this on a single-layer board, change the operating conditions (operating frequency, power
supply voltage, etc.) to use this at the power consumption PD=780mW or lower, or use this at TA=100°C
or lower.
Warning:
−
Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings. Do not exceed
any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com