Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 94 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 94 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 90Page - SPANSION MB9DF564MLE Datasheet HTML 91Page - SPANSION MB9DF564MLE Datasheet HTML 92Page - SPANSION MB9DF564MLE Datasheet HTML 93Page - SPANSION MB9DF564MLE Datasheet HTML 94Page - SPANSION MB9DF564MLE Datasheet HTML 95Page - SPANSION MB9DF564MLE Datasheet HTML 96Page - SPANSION MB9DF564MLE Datasheet HTML 97Page - SPANSION MB9DF564MLE Datasheet HTML 98Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
93
CONFIDENTIAL
(7) Trigger Input Timing
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS= AVSS= RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse
width
tTRGH,
tTRGL
INT0 to INT7
-
200
-
ns
RX0 to RX2
-
5tCLK_SYSCPD1
-
ns
ADTG0,
DTTI2 to DTTI3
-
5tCLK_PERI6
-
ns
4ADTG0,
DTTI0
-
5tCLK_PERI5
-
ns
5tCLK_PERI5≥70ns
70
5tCLK_PERI5<70ns
4ADTG1,
DTTI1
-
5tCLK_PERI4
-
ns
5tCLK_PERI4≥70ns
70
5tCLK_PERI4<70ns
INT0 to INT7,
ADTG0,
4ADTG0, 4ADTG1,
RX0 to RX2,
DTTI0 to DTTI3
-
1
-
µ
s
When stop mode
− Trigger input timing
VIH
VIL
ADTGx
tTRGL
tTRGH
VIH
VIL
INTx
RXx
4ADTGx
DTTIx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com