Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 84 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 84 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 80Page - SPANSION MB9DF564MLE Datasheet HTML 81Page - SPANSION MB9DF564MLE Datasheet HTML 82Page - SPANSION MB9DF564MLE Datasheet HTML 83Page - SPANSION MB9DF564MLE Datasheet HTML 84Page - SPANSION MB9DF564MLE Datasheet HTML 85Page - SPANSION MB9DF564MLE Datasheet HTML 86Page - SPANSION MB9DF564MLE Datasheet HTML 87Page - SPANSION MB9DF564MLE Datasheet HTML 88Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
83
CONFIDENTIAL
(5-1-5) When the Serial Chip Select is Used (SCSCR:CSEN=1)
− Serial clock output signal detect level "H" (SMR, SCSFR:SCINV=0)
− Serial chip select inactive level "H" (SCSCR, SCSFR:CSLVL=1)
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
SCS↓→SCK↓
setup time
tCSSI
SCK4,
SCS40 to SCS43
Master mode
(CL=50pF,
IOL=-2mA, IOH=2mA),
(CL=20pF,
IOL=-1mA, IOH=1mA)
tCSSU*1-50
-
ns
SCK↑→SCS↑
hold time
tCSHI
tCSHD*2+0
-
ns
SCS deselect time
tCSDI
SCS40 to SCS43
tCSDS*3-50
+5 tCLK_PERI1
-
ns
SCS↓→SCK↓
setup time
tCSSE
SCK4,
SCS40 to SCS43
Slave mode
(CL=50pF,
IOL=-2mA, IOH=2mA),
(CL=20pF,
IOL=-1mA, IOH=1mA)
3tCLK_PERI1+30
-
ns
SCK↑→SCS↑
hold time
tCSHE
0
-
ns
SCS deselect time
tCSDE
SCS40 to SCS43
3tCLK_PERI1+30
-
ns
SCS↓→SOT
delay time
tDSE
SCS40 to SCS43,
SOT4
-
40
ns
SCS↑→SOT
delay time
tDEE
0
-
ns
SCK↓→SCS↓
clock switch time
tSCC
SCK4,
SCS40 to SCS43
Master mode,
Round operation
(CL=50pF,
IOL=-2mA, IOH=2mA),
(CL=20pF,
IOL=-1mA, IOH=1mA)
3tCLK_PERI1+0
3tCLK_PERI1
+50
ns
Transfer speed
-
-
CL=50pF,
IOL=-2mA, IOH=2mA
-
5
Mbps
-
-
CL=20pF,
IOL=-1mA, IOH=1mA
-
6
Mbps
*1: tCSSU =SCSTR:CSSU[7:0]  serial chip select timing operation clock
*2: tCSHD=SCSTR:CSHD[7:0]  serial chip select timing operation clock
*3: tCSDS=SCSTR:CSDS[15:0]  serial chip select timing operation clock
For details of *1, *2 and *3 above, see Hardware Manual.
Notes:
−
This is the AC characteristic in CLK synchronized mode.
−
CL is the load capacitance applied to pins during testing.
−
The maximum baud rate is limited by the internal operation clock used and other parameters.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com