Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 66 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 66 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 62Page - SPANSION MB9DF564MLE Datasheet HTML 63Page - SPANSION MB9DF564MLE Datasheet HTML 64Page - SPANSION MB9DF564MLE Datasheet HTML 65Page - SPANSION MB9DF564MLE Datasheet HTML 66Page - SPANSION MB9DF564MLE Datasheet HTML 67Page - SPANSION MB9DF564MLE Datasheet HTML 68Page - SPANSION MB9DF564MLE Datasheet HTML 69Page - SPANSION MB9DF564MLE Datasheet HTML 70Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
65
CONFIDENTIAL
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS= AVSS= RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICC5
VCC5
Normal
operations
200MHz
-
104
115
mA
FCD0_CLK=200 MHz
FCLK_CPUx=200 MHz,
FCLK_TFCLKx=66 MHz,
FCLK_HPMPD2=200 MHz,
FCLK_DMA=200 MHz,
FCLK_MEMC=100 MHz,
FCLK_WFCLKx=200 MHz,
FCLK_SYSCPD1=100 MHz,
FCLK_PERIy=100 MHz,
FCLK_PERIz=50 MHz
x=0, 1 y=0, 4, 5 z=1, 6, 7
Normal
operations
160MHz
-
105
116
mA
FCD0_CLK=160 MHz
FCLK_CPUx=160 MHz,
FCLK_TFCLKx=80 MHz,
FCLK_HPMPD2=160 MHz,
FCLK_DMA=160 MHz,
FCLK_MEMC=80 MHz,
FCLK_WFCLKx=160 MHz,
FCLK_SYSCPD1=80 MHz,
FCLK_PERIy=80 MHz,
FCLK_PERIz=40 MHz
x=0, 1 y=0, 4, 5 z=1, 6, 7
Flash write/erase*
200MHz
-
115
126
mA
FCD0_CLK=200 MHz
FCLK_CPUx=200 MHz,
FCLK_TFCLKx=66 MHz,
FCLK_HPMPD2=200 MHz,
FCLK_DMA=200 MHz,
FCLK_MEMC=100 MHz,
FCLK_WFCLKx=200 MHz,
FCLK_SYSCPD1=100 MHz,
FCLK_PERIy=100 MHz,
FCLK_PERIz=50 MHz
x=0, 1 y=0, 4, 5 z=1, 6, 7
Flash write/erase*
160MHz
-
116
127
mA
FCD0_CLK=160 MHz
FCLK_CPUx=160 MHz,
FCLK_TFCLKx=80 MHz,
FCLK_HPMPD2=160 MHz,
FCLK_DMA=160 MHz,
FCLK_MEMC=80 MHz,
FCLK_WFCLKx=160 MHz,
FCLK_SYSCPD1=80 MHz,
FCLK_PERIy=80 MHz,
FCLK_PERIz=40 MHz
x=0, 1 y=0, 4, 5 z=1, 6, 7
*: This series has 2 types of flash; TCFLASH (4) and WorkFLASH (2); however, this is the specification when
only one of those is written/erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com