Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 100 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 100 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 96Page - SPANSION MB9DF564MLE Datasheet HTML 97Page - SPANSION MB9DF564MLE Datasheet HTML 98Page - SPANSION MB9DF564MLE Datasheet HTML 99Page - SPANSION MB9DF564MLE Datasheet HTML 100Page - SPANSION MB9DF564MLE Datasheet HTML 101Page - SPANSION MB9DF564MLE Datasheet HTML 102Page - SPANSION MB9DF564MLE Datasheet HTML 103Page - SPANSION MB9DF564MLE Datasheet HTML 104Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
99
CONFIDENTIAL
(12-3) Definition of Terms
Resolution: Analog variation that is recognized by an A/D converter.
Linearity error: Deviation of the actual conversion characteristics from a straight line that connects the zero
transition point ("0000 0000 0000" ←→ "0000 0000 0001") to the full-scale transition point ("1111 1111 1110"
←→
"1111 1111 1111").
Differential linearity error: Deviation of the input voltage from the ideal value that is required to change the
output code by 1LSB.
Linearity error
Differential linearity error
Linearity error of digital output N =
VNT - {1LSB×(N-1) + VZT}
[LSB]
1LSB
Differential linearity error of digital output N = V(N + 1)T - VNT -1 LSB
[LSB]
1LSB
1LSB =
VFST - VZT
[V]
4094
VZT: Voltage at which the digital output changes from "0x000" to "0x001".
VFST: Voltage at which the digital output changes from "0xFFE" to "0xFFF".
AVSS
(AVRL)
AVRH
AVRH
Actual conversion
characteristics
{1 LSB (N - 1) + VZT}
AVSS
(AVRL)
VFST
VNT
VZT (Actually-measured value)
V(N+1)T
VNT
Ideal characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Ideal characteristics
(Actually-measured value)
(Actually-
measured
value)
(Actually-measured value)
Analog input
Analog input
(Actually-measured
value)
N - 1
N - 2
N
N + 1
FFF
FFE
FFD
004
003
002
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com