Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MLE Datasheet(PDF) 102 Page - SPANSION

Part # MB9DF564MLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MLE Datasheet(HTML) 102 Page - SPANSION

Back Button MB9DF564MLE Datasheet HTML 98Page - SPANSION MB9DF564MLE Datasheet HTML 99Page - SPANSION MB9DF564MLE Datasheet HTML 100Page - SPANSION MB9DF564MLE Datasheet HTML 101Page - SPANSION MB9DF564MLE Datasheet HTML 102Page - SPANSION MB9DF564MLE Datasheet HTML 103Page - SPANSION MB9DF564MLE Datasheet HTML 104Page - SPANSION MB9DF564MLE Datasheet HTML 105Page - SPANSION MB9DF564MLE Datasheet HTML 106Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
101
CONFIDENTIAL
13.8 R/D Converter
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Excitation signal
output
Output voltage(amplitude)
0.4VCC-1%
0.4VCC
0.4VCC+1%
V
Output voltage(displacement)
-0.4VCC+(VCC/2)
-
0.4VCC+(VCC/2)
V
output current
-
-
1
mA
Frequency
-
10 or 20
-
kHz
Setting with the register
Resolver response
signal*1
Amplitude
AREF20-2.0
-
AREF20+2.0
V
Unit0
AREF21-2.0
-
AREF21+2.0
V
Unit1
Maximum input frequency
-
-
24
kHz
Excitation input
signal*2
Amplitude
0
-
RVCC0
V
Unit0
More than 2Vp-p
0
-
RVCC1
V
Unit1
More than 2Vp-p
Phase difference from resolver
detection signal
-45
-
45
°
Angle output
Angle accuracy
(conversion accuracy)
-4
-
4
LSB
Variation when
Pausing: ±1LSB
Resolution
-
12
-
bit
Output delay
1.1
-
2.1
µ
s
Angular velocity
output
Maximum Angular velocity
-
-
4000
rps
When bandwidth
1.8 kHz mode
-
-
3000
rps
When bandwidth
600 kHz mode
Resolution
-
0.261
-
rps/LSB
Reference output
voltage
AREF2 output voltage
RVCC0/2-3%
-
RVCC0/2+3%
V
Unit0
RVCC1/2-3%
-
RVCC1/2+3%
V
Unit1
Operating
characteristics
Tracking loop characteristics
(0dB cross frequency)
-
-
1.2
kHz
When bandwidth
1.8 kHz mode*3
-
-
400
Hz
When bandwidth
600 Hz mode*3
Tracking loop characteristics
(-3dB cross frequency)
-
-
1.8
kHz
When bandwidth
1.8 kHz mode*3
-
-
600
Hz
When bandwidth
600 Hz mode*3
Maximum tracking rate
-
-
4000
rps
When bandwidth
1.8 kHz mode
-
-
3000
rps
When bandwidth
600 Hz mode
Settling time (179 degree step)
-
-
4
ms
When bandwidth
1.8 kHz mode
-
-
12
ms
When bandwidth
600 Hz mode
Maximum angular velocity
-
-
1,000,000
rad/s2
When bandwidth
1.8 kHz mode
-
-
150,000
rad/s2
When bandwidth
600 Hz mode
*1: Corresponding pin: COS_PLUS, COS_MINUS, SIN_PLUS, SIN_MINUS
*2: Corresponding pin: MAG_PLUS, MAG_MINUS
*3: When signal amplitude is nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com